Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 137Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 138Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 139Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 140Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 141Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 142Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 143Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 144Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 141 of 228
Oct 24, 2016
RX64M Group
5. Electrical Characteristics
Note 1. The input leakage current value at the EMLE and BSCANP pins are only when Vin = 0 V.
Table 5.3
DC Characteristics (2)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 ≤ VREFH0 ≤ AVCC0,
VCC_USBA = AVCC_USBA = 3.0 to 3.6 V,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = VSS1_USBA = VSS2_USBA = PVSS_USBA = AVSS_USBA = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Output high voltage
All output pins
VOH
VCC – 0.5
—
—
V
IOH = –1 mA
Output low voltage
All output pins
(except for RIIC pins and
ETHERC output pin)
VOL
——
0.5
V
IOL = 1.0 mA
RIIC output pin
—
—
0.4
IOL = 3.0 mA
——
0.6
IOL = 6.0 mA
RIIC output pin
(only P12 and P13 in channel 0)
VOL
——
0.4
V
IOL = 15.0 mA
(ICFER.FMPE = 1)
—0.4
—
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC output pin
VOL
——
0.4
V
IOL = 1.0 mA
Input leakage current RES#, MD pin, EMLE*1,
BSCANP*1, NMI
I
in
——
1.0
μAV
in = 0 V
Vin = VCC
Three-state leakage
current (off state)
Other than ports for 5 V tolerant
I
TSI
——
1.0
μAV
in = 0 V
Vin = VCC
Ports for 5 V tolerant
—
—
5.0
Vin = 0 V
Vin = 5.5 V
Input pull-up MOS
current
Ports 0 to 2, 30 to 34, 36, 37, 4
to G, J3, J5
Ip
–300
—
–10
μA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input pull-down MOS
current
EMLE, BSCANP
Ip
10
—
300
μAV
in = VCC
Input capacitance
All input pins
(except for ports 03, 05, 12, 13,
16, 17, EMLE, BSCANP,
USB0_DP, USB0_DM,
USBA_DP, and USBA_DM)
Cin
—
—
8
pF
Vbias = 0 V
Vamp = 20 mV
f = 1 MHz
Ta = 25°C
Ports 03, 05, 12, 13, 16, 17,
EMLE, BSCANP, USB0_DP,
USB0_DM, USBA_DP, and
USBA_DM
——
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com