Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFDDFB Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R5F564MFDDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFDDFB Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R5F564MFDDFB Datasheet HTML 128Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 129Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 130Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 131Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 132Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 133Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 134Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 135Page - Renesas Technology Corp R5F564MFDDFB Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 132 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
000D 002Ch
SCIFA9
FIFO Control Register
FCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 002Eh
SCIFA9
FIFO Data Count Register
FDR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0030h
SCIFA9
Serial Port Register
SPTR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0032h
SCIFA9
Line Status Register
LSR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0034h
SCIFA9
Serial Extended Mode Register
SEMR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0036h
SCIFA9
FIFO Trigger Control Register
FTCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0040h
SCIFA1
0
Serial Mode Register
SMR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0042h
SCIFA1
0
Bit Rate Register
BRR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0042h
SCIFA1
0
Modulation Duty Register
MDDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0044h
SCIFA1
0
Serial Control Register
SCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0046h
SCIFA1
0
Transmit FIFO Data Register
FTDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0048h
SCIFA1
0
Serial Status Register
FSR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 004Ah
SCIFA1
0
Receive FIFO Data Register
FRDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 004Ch
SCIFA1
0
FIFO Control Register
FCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 004Eh
SCIFA1
0
FIFO Data Count Register
FDR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0050h
SCIFA1
0
Serial Port Register
SPTR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0052h
SCIFA1
0
Line Status Register
LSR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0054h
SCIFA1
0
Serial Extended Mode Register
SEMR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0056h
SCIFA1
0
FIFO Trigger Control Register
FTCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0060h
SCIFA1
1
Serial Mode Register
SMR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0062h
SCIFA1
1
Bit Rate Register
BRR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0062h
SCIFA1
1
Modulation Duty Register
MDDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0064h
SCIFA1
1
Serial Control Register
SCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0066h
SCIFA1
1
Transmit FIFO Data Register
FTDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0068h
SCIFA1
1
Serial Status Register
FSR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 006Ah
SCIFA1
1
Receive FIFO Data Register
FRDR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 006Ch
SCIFA1
1
FIFO Control Register
FCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 006Eh
SCIFA1
1
FIFO Data Count Register
FDR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0070h
SCIFA1
1
Serial Port Register
SPTR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0072h
SCIFA1
1
Line Status Register
LSR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0074h
SCIFA1
1
Serial Extended Mode Register
SEMR
8
8
3, 4 PCLKB
2 ICLK
SCIFA
000D 0076h
SCIFA1
1
FIFO Trigger Control Register
FTCR
16
16
3, 4 PCLKB
2 ICLK
SCIFA
000D 0100h
RSPI0
RSPI Control Register
SPCR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 0101h
RSPI0
RSPI Slave Select Polarity Register
SSLP
8
8
3, 4 PCLKA
2 ICLK
RSPIa
000D 0102h
RSPI0
RSPI Pin Control Register
SPPCR
8
8
3, 4 PCLKA
2 ICLK
RSPIa
Table 4.1
List of I/O Registers (Address Order) (61 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com