Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic WM8255 Datasheet HTML 46Page - Cirrus Logic WM8255 Datasheet HTML 47Page - Cirrus Logic WM8255 Datasheet HTML 48Page - Cirrus Logic WM8255 Datasheet HTML 49Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
47
PACKAGE DIMENSIONS
DM090.A
FL: 28 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.85 mm BODY, 0.40 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
C
aaa
2 X
E2
b
D2
L
C
aaa
2 X
28
D
E
e
PIN 1
C
A
A1
C
(A3)
SEATING PLANE
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. ALL DIMENSIONS ARE IN MILLIMETRES
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-002.
4. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
5. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION.
bbb
A2
C
ccc
22
21
15
14
8
1
7
BOTTOM VIEW
VIEW M - M
C
ddd M
A B
C
eee
A B
C
eee
A B
B
A
M
M
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
b
D
D2
E
E2
e
L
0.85
0.25
0.20
0.15
4.00 BSC
2.80
2.70
2.60
4.00 BSC
0.4 BSC
2.70
2.80
2.60
0.30
0.35
0.40
1
A1
A3
0
0.035
0.05
0.203 REF
JEDEC, MO-220 VGGE
Tolerances of Form and Position
aaa
bbb
ccc
0.10
0.08
0.10
REF
0.8
0.9
A2
-
0.65
0.67
ddd
eee
0.10
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com