| Electronic Components Datasheet Search |
|
WM8255 Datasheet(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8255 Datasheet(HTML) 19 Page - Cirrus Logic |
|
19 / 49 page ![]() WM8255 Production Data w PD, Rev 4.7, August 2013 19 LED CURRENT DRIVE CONTROL The WM8255 allows the user to control: the sequence of illumination the period of illumination the intensity of illumination of the red, blue and green LEDs used to illuminate the image during a scan. A sequence state machine is used to progress the sequence and control the duration of the LED selection. The progression of the sequence state machine is dependent on whether the WM8255 is in colour mode or monochromatic mode. The intensity of illumination is controlled on either control of the LED drive current or pulsing of the LED driving current. LED CURRENT DRIVE SEQUENCE CONTROL With reference to Figure 12, the WM8255 uses a LED sequence state machine to control the sequence and duration of the illumination of the red, green and blue LEDs. The LED sequence state machine can progress through up to 4 states each sequence. Each of the sequence states (STATE_0 to STATE_3) may be set to one of four values to determine on whether a red, green or blue LED is illuminated or all LEDs are off. The register STATERST will determine the number of states the sequence state machine can progress through. Once the sequence state machine has reached the reset state, the LED state machine will remain in this state until again initiated. LED CURRENT DRIVE SEQUENCE DEFINITION Figure 13 illustrates the functionality of the sequence state mapping. The current state of the sequence machine (SEQ_STATE) is an internal register used to select one of the four register state mappings. This register increments until the value specified by STATERST at which point the sequence will hold. Figure 14 shows two examples when STATERST is set to “11bin” for a 4 state sequence, and to “01bin” for a 2 state sequence. LEDEnable Fine Counter (7-bit) LEDOn LEDOff PWM Counter (12-bit) 0->LEDPWMPER PWMCtr l PWMEn LED Target Current Register LEDEnStart LEDEnStop LEDTarget Ena LEDEnRBG 3 8 LEDEn LEDPWMDutyCyc LEDPWMDCRed LEDPWMDCBlue LEDPWMDCGrn LEDPWMPER LEDENSTART LEDENSTOPRed LEDENSTOPBlue LEDENSTOPGrn LEDIDACRed LEDIDACBlue LEDIDACGrn State0 State1 State2 State3 StateRst Mono_ColourMode 3 3 PWMMaxCount Blanking Counter MCLK Divider LEDPWMPer En INITBLANK CLKDIV Figure 12 Block Diagram of PWM LED Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |