Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
30
1
0
2
3
0
1
Figure 23 PWM LED Current Control Timing - Monochromatic Scan with PWM Duty Cycle and Blanking Period
Disabled
CURRENT ACCURACY AND ABSOLUTE MAXIMUM CURRENT LIMIT
To protect the LED when operated near its maximum operating current range, an accurate absolute
maximum current limit can be set.
An external resistor connected to the EXTRES pin must be provided to generate an accurate
reference current for the LED circuit. As the current DAC is designed for low compliance voltage, a
separate higher accuracy current detection circuit is provided.
At the start of every state change the Current DAC setting for that LED is measured (Red, Green or
Blue). If the state machine is at RED and the current, LEDIDACR, exceeds the absolute maximum
current limit, a register, LEDRFLAG will be set. If ILIMITEN is set to the appropriate mode, the current
will be automatically reduced and the current retested. Should this new current be within the safe
operating area the Red LED will be enabled. The LEDRFLAG register will remain set to indicate that
the reduction has been implemented.
The next time the state machine enters the RED state, the current value is measured again. If the
current, LEDIDACR is now an acceptable value (without a reduction) the LEDRFLAG will reset. This
is the same when in the GREEN and BLUE states, where LEDIDACG and LEDIDACB are measured
respectively. Note that for the initial current test of a new state, the machine always loads the Current
DAC register setting, not a reduced value previously used.
Throughout the DAC loading and current limit testing, the LED is disabled and the current is steered
through the power supply AVDD1. This prevents stress in the LED, by ensuring that it is not enabled
until the current is within the safe operating area.
A register bit ILIMITFLAG will get set when any of the LED Flags are set. All of the Flags will be reset
when applying a LED Software Reset.
For example:
The Red LED maximum current is 53mA in this example.
LEDIRNGR = 11 which gives an absolute maximum current of 68 mA.
LEDIMAX = 1 which gives a maximum limit of up to 53 mA.
ILIMITDEC = 1 which sets reduction to 25%
ILIMITEN = 01 which enables current reduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com