Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 37Page - Cirrus Logic WM8255 Datasheet HTML 38Page - Cirrus Logic WM8255 Datasheet HTML 39Page - Cirrus Logic WM8255 Datasheet HTML 40Page - Cirrus Logic WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
41
Address
<a5:a0>
Description
Def
(hex)
RW
BIT
b7
b6
b5
b4
b3
b2
b1
b0
101011
PGA Gain
(RGB)
00
W
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
101100
Setup Reg 19
10
RW LEDSTART
[5]
LEDSTOPG
[6]
LEDSTOPG
[5]
LEDSTOPG
[4]
LEDSTOPG
[3]
LEDSTOPG
[2]
LEDSTOPG
[1]
LEDSTOPG
[0]
101101
Setup Reg 20
10
RW LEDSTART
[6]
LEDSTOPB
[6]
LEDSTOPB
[5]
LEDSTOPB
[4]
LEDSTOPB
[3]
LEDSTOPB
[2]
LEDSTOPB
[1]
LEDSTOPB
[0]
101110
Setup Reg 21
00
RW ILIMITFLAG ILIMITDEC
INITBLANK
[8]
INITBLANK
[7]
INITBLANK
[6]
INITBLANK
[5]
INITBLANK
[4]
INITBLANK
[3]
101111
LED Software
Reset
00
W
LED RGB
Flags
00
R
LEDRFLAG LEDGFLAG LEDBFLAG
Table 8 Register Map
EXTENDED PAGE REGISTERS
Address
<a5:a0>
Description Def
(hex)
RW
BIT
b7
b6
b5
b4
b3
b2
b1
b0
100100
LED Control
0
0
LED_TEST
CTRL[3]
LED_TEST
CTRL[2]
LED_TEST
CTRL[1]
LED_TEST
CTRL[0]
0
0
100111
Revision
Number
REV_NUM
[6]
REV_NUM
[5]
REV_NUM
[4]
REV_NUM
[3]
REV_NUM
[2]
REV_NUM
[1]
REV_NUM
[0]
X
Table 9 Extended Page Registers
Note: To access the Extended Page Registers the TREG_OPEN bit must be set to ‘1’ in Setup Reg 1. This bit must then be
set to ‘0’ once access is complete. Please refer to Pages 23 and 38 for details on when to access these registers.
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 8.
REGISTER
BIT
NO
BIT NAME(S)
DEFAULT
DESCRIPTION
Setup
Register 1
0
EN
1
0 = complete power down, 1 = fully active.
1
CDS
1
Select correlated double sampling mode: 0 = single ended mode,
1 = CDS mode.
2
Reserved
0
Must be set to zero
3
VSMPDET
0
0 = Normal operation, signal on VSMP input pin is applied directly to
Timing Control block.
1 = Programmable VSMP detect circuit is enabled. An internal
synchronization pulse is generated from signal applied to VSMP input
pin and is applied to Timing Control block.
5:4
PGAFS[1:0]
00
Offsets PGA output to optimize the ADC range for different polarity
sensor output signals. Zero differential PGA input signal gives:
00 = Zero output
(use for bipolar video)
01 = Zero output
10 = Full-scale positive output
(use for negative going video)
11 = Full-scale negative output
(use for positive going video)
6
MODE3
0
Required when operating in MODE3: 0 = other modes, 1 = MODE3.
7
TREG_OPEN
0
Enables the extended page register access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com