Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 26 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
26
There is an operational difference in monochrome mode in that LEDENSTART is only used in the first
state. In subsequent states the LED enable is always activated after the appropriate number of
blanking periods (LEDENSTOP is used in the same method as colour mode operation).
NON PWM MODE
The PWM functionality can be disabled and just the current DAC can be used. The duty cycle
LEDPWMDC register for each colour should be set to equal the duty cycle period register,
LEDPWMPER. The value of both these registers should be set to an appropriate value.
LED CURRENT DRIVE CURRENT BLANKING PERIOD
At the start of a LED sequence state transition the LED controller performs a blanking period. The
blanking period is a period of time reserved to switch to the next LED drive current state in the
sequence. In addition, during the blanking period the absolute LED drive current will be updated, a
Safe Operating Area (SOA) test may be performed and finally the next LED in the sequence will be
selected then driven. At completion of the blanking period, the PWM controller is enabled.
Figure 18 shows a basic blanking period during a state transition of switching the Red LED off, then
Green LED on.
The blanking period may be split into a sequence of five operations:
1.
The Red RGB switch will be switched off and any current forced to flow in the shunt current
path.
2.
The LED current DAC will be disabled. During this period, the current flow in the auxiliary
current path will tend to zero.
3.
The LED current DAC value will be updated to the value necessary to drive the Green LED.
During this time, the current flow in the auxiliary current path will tend to the updated LED
current DAC current.
4.
A SOA test will be performed on the updated LED current DAC current.
5.
The Green RGB switch will be switched on.
The transition from one state to the next takes the finite time defined by the period tblank.
With reference to Table 4, the basic blanking period may be optimised dependant on the mode of
operation.
Figure 18 LED Current DAC Current during a Blanking Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com