Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 38Page - Cirrus Logic WM8255 Datasheet HTML 39Page - Cirrus Logic WM8255 Datasheet HTML 40Page - Cirrus Logic WM8255 Datasheet HTML 41Page - Cirrus Logic WM8255 Datasheet HTML 42Page - Cirrus Logic WM8255 Datasheet HTML 43Page - Cirrus Logic WM8255 Datasheet HTML 44Page - Cirrus Logic WM8255 Datasheet HTML 45Page - Cirrus Logic WM8255 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
42
REGISTER
BIT
NO
BIT NAME(S)
DEFAULT
DESCRIPTION
Setup
Register 2
0
POSNEG
0
When VSMPDET = 0 this bit has no effect.
When VSMPDET = 1 this bit controls whether positive or negative edges
are detected:
0 = Negative edge on VSMP pin is detected and used to generate
internal timing pulse.
1 = Positive edge on VSMP pin is detected and used to generate
internal timing pulse.
See Figure 27 for further details.
1
2BITOP
0
Changes the digital output from 4 bit muxed to 2 bit muxed output.
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
3
VRLCEXT
0
When set powers down the RLCDAC, changing its output to Hi-Z,
allowing VRLC/VBIAS to be externally driven.
4
RLCINT
0
This bit is used to determine whether Reset Level Clamping is enabled.
0 = RLC disabled, 1 = RLC enabled.
5
Reserved
0
Must be set to zero.
7:6
DEL[1:0]
00
Sets the output latency in ADC clock periods.
1 ADC clock period = 2 MCLK periods except in Mode 2 where 1 ADC
clock period = 3 MCLK periods.
00 = Minimum latency
01 = Delay by one ADC clock
period
10 = Delay by two ADC clock periods
11 = Delay by three ADC clock periods
Setup
Register 3
3:0
RLCV[3:0]
0011
Controls RLCDAC driving VRLC pin to define single ended signal
reference voltage or Reset Level Clamp voltage. See Electrical
Characteristics section for ranges.
5:4
CDSREF[1:0]
01
CDS mode reset timing adjust.
00 = Advance 1 MCLK period
01 = Normal
10 = Retard 1 MCLK period
11 = Retard 2 MCLK periods
7:6
INTM[1:0]
00
Colour selection bits used in internal modes.
00 = Red, 01 = Green, 10 = Blue and 11 = Reserved.
See Table 1 for details.
Software
Reset
Any write to Software Reset causes all cells (including LED) to be reset.
It is recommended that a software reset be performed after a power-up
before any other register writes.
Setup
Register 4
2:0
VDEL[2:0]
000
When VSMPDET = 0 these bits have no effect.
When VSMPDET = 1 these bits set a programmable delay from the
detected edge of the signal applied to the VSMP pin. The internally
generated pulse is delayed by VDEL MCLK periods from the detected
edge.
See Figure 27, Internal VSMP Pulses Generated for details.
5:3
Reserved
000
Must be set to zero
6
LEDIMAX
0
Sets the maximum current limit to one of two ranges (see electrical
characteristics section).
7
Reserved
0
Must be set to zero
Setup
Register 5
7:0
LEDIDACR [7:0]
00100000
Fine LED current during imaging for Red LED
Setup
Register 6
7:0
LEDIDACG [7:0]
00100000
Fine LED current during imaging for Green LED
Setup
Register 7
7:0
LEDIDACB [7:0]
00100000
Fine LED current during imaging for Blue LED
Setup
Register 8
1:0
LEDIRNGR [1:0]
00
Coarse LED current range during imaging for Red LED
2
Reserved
0
Must be set to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com