Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8255 Datasheet(PDF) 25 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
25
1
2
3
4
Figure 17 Current Steering Switching
LED CURRENT DRIVE CURRENT PWM CONTROL
During each sequence state, the LED control module can be pulsed by Pulse Width Modulating
(PWM) the LED current drive. For each sequence state, the PWM frequency, duty cycle, and number
of PWM cycles can be configured.
The PWM controller consists of two blocks; the MCLK divider and the PWM counter. The MCLK
divider divides the MCLK by an amount set by the register CLKDIV.
The divided MCLK is then used to clock the PWM counter. The PWM counter will increment until it
reaches its maximum count set by the register LEDPWMPER. At this point, the PWM counter will
reset to zero, then continue to increment. This will set the period of the PWM control.
As the PWM counter is incremented, its state is compared with the duty cycle setting, which is set by
the value in register LEDPWMDC. PWMCtrl is set while the counter value is smaller than the duty
cycle setting. When the counter is larger than or equal to the duty cycle, PWMCTRL is reset for the
rest of the PWM period. This will set the duty cycle of the PWM control.
The reset of the PWM counter will increment the LEDEnable counter. When the LEDEnable counter
has reached LEDENSTART, PWMEn is set high, which allows PWMCtrl to control the LED current
drive. The LEDEnable counter will continue to increment until it has reached LEDENSTOP. At this
point PWMEn is set low, which stops PWMCtrl from controlling the LED current drive. This will set the
number of cycles of the PWM control.
The PWM frequency is defined by LEDPWMPER and the divider CLKDIV. LEDPWMPER and
CLKDIV may be calculated as the nearest integral of the MCLK frequency divided by the PWM
frequency. If the maximum value of LEDPWMPER would reach its maximum before the desired
PWM period is achieved, CLKDIV should be incremented to scale LEDPWMPER correctly.
The PWM duty cycle is defined by LEDPWMDC and CLKDIV. For a chosen PWM frequency, an
integral number of PWM cycles for the period of TG may be calculated. The range of the PWM period
and the duty cycle can be up to (2^4 X 2^12) MCLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com