Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 97Page - Texas Instruments TMS320DM6431 Datasheet HTML 98Page - Texas Instruments TMS320DM6431 Datasheet HTML 99Page - Texas Instruments TMS320DM6431 Datasheet HTML 100Page - Texas Instruments TMS320DM6431 Datasheet HTML 101Page - Texas Instruments TMS320DM6431 Datasheet HTML 102Page - Texas Instruments TMS320DM6431 Datasheet HTML 103Page - Texas Instruments TMS320DM6431 Datasheet HTML 104Page - Texas Instruments TMS320DM6431 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 227 page
background image
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-38. EMIFA/VPSS Block Major Configuration Choices
PINMUX SELECTION
RESULTING PERIPHERALS/PINS
MAJOR
FIELDS(1)
CONFIG.
# GP PINS
VPFE AND # GP PINS
OPTION
AEM
CCDCSEL
EMIFA
(FROM GP[33:5])
(FROM GP[54:34])
# GP Pins
CCDCSEL
VPFE & # GP Pins
No CCDC
0
21 GP pins
A
000
0, 1
-
29 GP pins
8-to-10-bit CCDC
1
6-to-12 GP pins
No CCDC
8-bit EMIFA (ASYNC)
0
11-to-19 GP pins
Pinout Mode 1 with
B
001(2)
0, 1
9-to-13 GP pins
address pins to support
8-to-10-bit CCDC(2)
1(2)
32KB to 16MB per CS.
0-to-10 GP pins
No CCDC
0
21 GP pins
8-bit EMIFA (NAND)
E
101
0, 1
14-to-18 GP pins
Pinout Mode 5
8-to-10-bit CCDC
1
6-to-12 GP pins
(1)
For additional pin mux details for each Sub-Block, see Table 3-39 through Table 3-41, EMIFA/VPSS Sub-Block 0 Configuration Choices,
and Table 3-42 through Table 3-44, EMIFA/VPSS Sub-Block 1 Configuration Choices.
(2)
If PINMUX0.AEM = 001, it is not possible to get the C_WE pin for VPFE.
As shown in Table 3-38, the major configuration choices of the EMIFA/VPSS Block are determined by the
following PINMUX register fields:
• PINMUX0 register fields AEM and CCDCSEL
Based on the peripheral needs, select from the major configuration options in this block: Major
Configuration Options A, B, and E.
The following is an example on how to read Table 3-38. For example, the "PINMUX Selection Fields"
columns indicate that Major Configuration Choice B is selected through setting PINMUX0.AEM = 1 and
CCDCSEL = 0 or 1 (based on the system's VPFE requirement). The "Resulting Peripherals/Pins" columns
indicate that Major Configuration Option B can support the following combination of pin functions:
• Pins for 8-bit EMIFA (Async or NAND) function. The number of address pins supported provide
32KByte to 16MByte address reach per EMIFA Chip Select (CS) space.
• Pins for up to 10-bit VPFE. If 8-to-10-bit VPFE (CCDCSEL = 1) is selected, the user may have 0 to 10
GPIO pins. Exact detail on number of GPIO pins and VPFE control pins is furthered determined by
other PINMUX0 settings discussed in the EMIFA/VPSS Sub-Block 0 Configuration Choices.
• 9-to-13 GPIO pins from GP[33:5]. For details on the number of GPIO pins, see Section 3.7.3.11.4,
EMIFA/VPSS Sub-Block 1 Configuration Choices.
After using Table 3-38 to select the Major Configuration Option for the EMIFA/VPSS Block, proceed to
select the detailed pin choices in the EMIFA/VPSS Sub-Blocks.
Submit Documentation Feedback
Device Configurations
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com