Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 105 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 101Page - Texas Instruments TMS320DM6431 Datasheet HTML 102Page - Texas Instruments TMS320DM6431 Datasheet HTML 103Page - Texas Instruments TMS320DM6431 Datasheet HTML 104Page - Texas Instruments TMS320DM6431 Datasheet HTML 105Page - Texas Instruments TMS320DM6431 Datasheet HTML 106Page - Texas Instruments TMS320DM6431 Datasheet HTML 107Page - Texas Instruments TMS320DM6431 Datasheet HTML 108Page - Texas Instruments TMS320DM6431 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 227 page
background image
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-41. EMIFA/VPSS Sub-Block 0 Configuration Choice E(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
AEAW
OTHERS
EMIFA
VPFE
# GPIO PINS
OPTION
OPTION
8-bit EMIFA
Cfg Summary
(NAND) Pinout
No CCDC
21 GP pins
mode 5
Basic Pins You Get
-
-
GP[51:46]
CCDCSEL = 0
0 = GP[54, 43:36]
E1
101
000
HVDSEL = 0
0 = GP[53:52]
CWENSEL = 0
-
-
0 = GP[35]
CFLDSEL = 0
0 = GP[34]
CI10SEL = 0
0 = GP[45:44]
E
8-bit EMIFA
Cfg Summary
(NAND) Pinout
8-to-10-bit CCDC
6-to-12 GP pins
mode 5
Basic Pins You Get
-
-
GP[51:46]
CCDCSEL = 1
1 = PCLK, YI[7:0]
-
E2
101
000
HVDSEL = 0,1
1= VD, HD
0 = GP[53:52]
CWENSEL = 0,1
-
1 = C_WE
0 = GP[35]
CFLDSEL = 0,1
1 = C_FIELD
0 = GP[34]
CI10SEL = 0,1
1 = CI[1:0]
0 = GP[45:44]
(1)
Italics indicate mandatory settings for a given Minor Configuration option.
As shown in Table 3-39 through Table 3-41, the configuration choices of the EMIFA/VPSS Sub-Block 0
are determined by the following PINMUX register fields:
• PINMUX0 register fields AEM, AEAW, CCDCSEL, HVDSEL, CWENSEL, CFLDSEL, and CI10SEL.
The following is an example of how to read Table 3-39 through Table 3-41 using Sub-Block 0 Minor
Configuration B6 as an example:
• The PINMUX Selection Fields columns indicate that Sub-Block 0 Minor Configuration Option B6 is
selected through setting, PINMUX0.AEM = 1, PINMUX0.AEAW = 4, CCDCSEL = 1, HVDSEL = 0 or 1
(based on the system’s need for VPFE control signals VD and HD), CWENSEL = 0 (mandatory
setting), CFLDSEL = 0 or 1 (based on the system’s need for VPFE control signal C_FIELD), and
CI10SEL = 0 (mandatory).
• The Resulting Peripherals/Pins columns show the functional pins resulting from the PINMUX setting.
For example, PINMUX0.CCDCSEL = 1 gives the user the PCLK and YI[7:0] pins for the VPFE.
PINMUX0.HVDSEL = 1 gives the user VD and HD pins for VPFE, while HVDSEL = 0 gives the user 2
GP pins.
Submit Documentation Feedback
Device Configurations
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com