Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 102Page - Texas Instruments TMS320DM6431 Datasheet HTML 103Page - Texas Instruments TMS320DM6431 Datasheet HTML 104Page - Texas Instruments TMS320DM6431 Datasheet HTML 105Page - Texas Instruments TMS320DM6431 Datasheet HTML 106Page - Texas Instruments TMS320DM6431 Datasheet HTML 107Page - Texas Instruments TMS320DM6431 Datasheet HTML 108Page - Texas Instruments TMS320DM6431 Datasheet HTML 109Page - Texas Instruments TMS320DM6431 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.11.4 EMIFA/VPSS Sub-Block 1 Configuration Choices
Table 3-42 through Table 3-44 show the configuration choices in the EMIFA/VPSS Sub-Block 1. For
instructions on how to use the different configuration choices tables for the EMIFA/VPSS Block and
Sub-Blocks, see Section 3.7.3.11.1, EMIFA/VPSS Block Pin Selection Procedure.
Before using Table 3-42 through Table 3-44 to configure the details of the EMIFA/VPSS Sub-Block 1, the
user should first select the Major Configuration Option for the EMIFA/VPSS Block (see Section 3.7.3.11.2,
EMIFA/VPSS Block Major Configuration Choices). After determining the Major Configuration Option (A, B,
or E), the user can now use Table 3-42 through Table 3-44 to refine the Sub-Block 1 pin selections.
1. Go to the table with the Major Configuration Option chosen from Table 3-38.
2. Each Major Configuration Option is further divided down into multiple Minor Configuration Options.
Select a Minor Configuration Option that best suits the application need.
3. Within the chosen Minor Configuration Option, further refine the detailed pin configurations by selecting
the settings of PINMUX0 fields CS3SEL, CS4SEL, and CS5SEL.
4. The PINMUX Selection Fields columns give the user the settings needed to program the PINMUX0
register.
Table 3-42. EMIFA/VPSS Sub-Block 1 Configuration Choice A(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
OTHERS
EMIFA
GPIO
OPTION
OPTION
Cfg Summary
No EMIFA
29 GP pins
CS3SEL = 0
A
A1
000
CS4SEL = 0
-
0 = GP[33:5]
CS5SEL = 0
(1)
Italics indicate mandatory settings for a given Minor Configuration option.
Table 3-43. EMIFA/VPSS Sub-Block 1 Configuration Choice B(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
OTHERS
EMIFA
GPIO
OPTION
OPTION
8-bit EMIFA (Async)
Cfg Summary
10-to-13 GP pins
Pinout Mode 1
EM_D[7:0], EM_CS2,
Basic Pins You Get
0 = GP[31:22]
EM_A[4:0], EM_BA[1:0]
B
B1
001
CS3SEL = 0,1
1 = EM_CS3
0 = GP[13]
CS4SEL = 0,1
1 = EM_CS4
0 = GP[32]
CS5SEL = 0,1
1 = EM_CS5
0 = GP[33]
(1)
Italics indicate mandatory setting for a given Minor Configuration option.
Table 3-44. EMIFA/VPSS Sub-Block 1 Configuration Choice E(1)
MAJOR
MINOR
PINMUX SELECTION FIELDS
RESULTING PERIPHERALS/PINS
CONFIG
CONFIG
AEM
OTHERS
EMIFA
GPIO
OPTION
OPTION
8-bit EMIFA (NAND)
Cfg Summary
15-to-18 GP pins
Pinout Mode 5
Basic Pins You Get
EM_D[7:0], EM_A[2:1], EM_CS2
0 = GP[31:22, 11:10, 7:5]
E
E1
101
CS3SEL = 0,1
1 = EM_CS3
0 = GP[13]
CS4SEL = 0,1
1 = EM_CS4
0 = GP[32]
CS5SEL = 0,1
1 = EM_CS5
0 = GP[33]
(1)
Italics indicate mandatory setting for a given Minor Configuration option.
Device Configurations
106
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com