Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 110 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 106Page - Texas Instruments TMS320DM6431 Datasheet HTML 107Page - Texas Instruments TMS320DM6431 Datasheet HTML 108Page - Texas Instruments TMS320DM6431 Datasheet HTML 109Page - Texas Instruments TMS320DM6431 Datasheet HTML 110Page - Texas Instruments TMS320DM6431 Datasheet HTML 111Page - Texas Instruments TMS320DM6431 Datasheet HTML 112Page - Texas Instruments TMS320DM6431 Datasheet HTML 113Page - Texas Instruments TMS320DM6431 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-47. EMIFA/VPSS Sub-Block 1 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL
EMIFA
GPIO(1)
NAME
FUNCTION
SELECT
FUNCTION
SELECT
EM_CS5/GP[33]
EM_CS5
CS5SEL = 1
GP[33]
CS5SEL = 0
EM_CS4/GP[32]
EM_CS4
CS4SEL = 1
GP[32]
CS4SEL = 0
GP[31]
GP[31]
GP[30]
GP[30]
GP[29]
GP[29]
GP[28]
GP[28]
GP[27]
GP[27]
–
–
–
GP[26]/(FASTBOOT)
GP[26]
GP[25]/(BOOTMODE3)
GP[25]
GP[24]/(BOOTMODE2)
GP[24]
GP[23]/(BOOTMODE1)
GP[23]
GP[22]/(BOOTMODE0)
GP[22]
EM_D[7]/GP[21]
EM_D[7]
GP[21]
EM_D[6]/GP[20]
EM_D[6]
GP[20]
EM_D[5]/GP[19]
EM_D[5]
GP[19]
EM_D[4]/GP[18]
EM_D[4]
GP[18]
AEM = 1/5
AEM = 0
EM_D[3]/GP[17]
EM_D[3]
GP[17]
EM_D[2]/GP[16]
EM_D[2]
GP[16]
EM_D[1]/GP[15]
EM_D[1]
GP[15]
EM_D[0]/GP[14]
EM_D[0]
GP[14]
EM_CS3/GP[13]
EM_CS3
CS3SEL = 1
GP[13]
CS3SEL = 0
EM_CS2/GP[12]
EM_CS2
GP[12]
EM_A[1]/(ALE)/
EM_A[1]/(ALE)
GP[9]
GP[9]/(AEAW1/PLLMS1)
AEM = 1/5
AEM = 0
EM_A[2]/(CLE)/GP[8]/
EM_A[2]/(CLE)
GP[8]
(AEAW0/PLLMS0)
EM_A[3]/GP[11]
EM_A[3]
GP[11]
EM_A[4]/GP[10]/
EM_A[4]
GP[10]
(AEAW2/PLLMS2)
AEM = 1
AEM = 0/5
EM_A[0]/GP[7]/(AEM2)
EM_A[0]
GP[7]
EM_BA[0]/GP[6]/(AEM1)
EM_BA[0]
GP[6]
EM_BA[1]/GP[5]/(AEM0)
EM_BA[1]
GP[5]
(1)
GP[31:22] are standalone pins. They are not muxed with any other functions, but they are included in this table because they are
grouped in the EMIFA/VPSS Sub-Block 1.
Table 3-48. EMIFA/VPSS Sub-Block 3 Pin-By-Pin Mux Control
MULTIPLEXED FUNCTIONS
SIGNAL
NAME
EMIFA
GPIO
FUNCTION
SELECT
FUNCTION
SELECT
EM_A[12]/GP[89]
EM_A[12]
GP[89]
EM_A[11]/GP[90]
EM_A[11]
GP[90]
EM_A[10]/GP[91]
EM_A[10]
GP[91]
EM_A[9]/GP[92]
EM_A[9]
GP[92]
AEM = 1
AEM = 0/5
EM_A[8]/GP[93]
EM_A[8]
GP[93]
EM_A[7]/GP[94]
EM_A[7]
GP[94]
EM_A[6]/GP[95]
EM_A[6]
GP[95]
EM_A[5]/GP[96]
EM_A[5]
GP[96]
Device Configurations
110
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com