Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 108Page - Texas Instruments TMS320DM6431 Datasheet HTML 109Page - Texas Instruments TMS320DM6431 Datasheet HTML 110Page - Texas Instruments TMS320DM6431 Datasheet HTML 111Page - Texas Instruments TMS320DM6431 Datasheet HTML 112Page - Texas Instruments TMS320DM6431 Datasheet HTML 113Page - Texas Instruments TMS320DM6431 Datasheet HTML 114Page - Texas Instruments TMS320DM6431 Datasheet HTML 115Page - Texas Instruments TMS320DM6431 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
a.
For details on C64x+ Megamodule configuration, see the TMS320C64x+ DSP Megamodule
Reference Guide (literature number SPRU871).
i.
Special considerations: Bootloader disables C64x+ cache—For all boot modes that default to
DSPBOOTADDR = 0x0010 0000 (i.e., all boot modes except the EMIFA ROM Direct Boot,
BOOTMODE[3:0] = 0100, FASTBOOT = 0), the bootloader code disables all C64x+ cache (L2,
L1P, and L1D) so that upon exit from the bootloader code, all C64x+ memories are configured
as all RAM (L2CFG.L2MODE = 0h, L1PCFG.L1PMODE = 0h, and L1DCFG.L1DMODE = 0h).
If cache use is required, the application code must explicitly enable the cache. For more
information on boot modes, see Section 3.4.1, Boot Modes. For more information on the
bootloader, see the Using the TMS320DM643x Bootloader Application Report (literature
number SPRAAG0).
b.
Peripherals configuration: see the respective peripheral user’s guide.
i.
Special considerations: DDR2 memory controller—the Peripheral Bus Burst Priority Register
(PBBPR) should be programmed to ensure good DDR2 throughput and to prevent command
starvation (prevention of certain commands from being processed by the DDR2 memory
controller). For more details, see the TMS320DM643x DMP DDR2 Memory Controller User’s
Guide (literature number SPRU986). A hex value of 0x20 is recommended for the PBBPR
PR_OLD_COUNT field to provide a good DSP performance and still allow good utilization by
other modules.
112
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com