Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 104Page - Texas Instruments TMS320DM6431 Datasheet HTML 105Page - Texas Instruments TMS320DM6431 Datasheet HTML 106Page - Texas Instruments TMS320DM6431 Datasheet HTML 107Page - Texas Instruments TMS320DM6431 Datasheet HTML 108Page - Texas Instruments TMS320DM6431 Datasheet HTML 109Page - Texas Instruments TMS320DM6431 Datasheet HTML 110Page - Texas Instruments TMS320DM6431 Datasheet HTML 111Page - Texas Instruments TMS320DM6431 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.11.7 EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary
This section summarizes the EMIFA/VPSS Block muxing on a pin-by-pin basis. It provides an alternative
view to pin muxing in the EMIFA/VPSS Block. This section should only be used after following the
procedures listed in Section 3.7.3.11.1 to determine the actual EMIFA/VPSS Configuration Option for the
application need.
Table 3-46 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 0. These are the
fields in the PINMUX0 and PINMUX1 registers that control the multiplexing in this sub-block:
• PINMUX0: AEM, AEAW, CWENSEL, CFLDSEL, CI10SEL, CCDCSEL, and HVDSEL
Table 3-47 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 1. These are the
fields in the PINMUX0 register that control the multiplexing in this sub-block:
• PINMUX0: AEM, CS5SEL, CS4SEL, and CS3SEL
EMIFA/VPSS Sub-Block 2 is dedicated to EMIFA pins EM_WAIT/(RDY/BSY), EM_OE, and EM_WE.
There is no pin multiplexing in this block. These pins always function as EMIFA control pins.
Table 3-48 shows the pin multiplexing control for each pin in the EMIFA/VPSS Sub-Block 3. These are the
fields in the PINMUX0 register that control the multiplexing in this sub-block:
• PINMUX0: AEM
Device Configurations
108
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com