Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 113Page - Texas Instruments TMS320DM6431 Datasheet HTML 114Page - Texas Instruments TMS320DM6431 Datasheet HTML 115Page - Texas Instruments TMS320DM6431 Datasheet HTML 116Page - Texas Instruments TMS320DM6431 Datasheet HTML 117Page - Texas Instruments TMS320DM6431 Datasheet HTML 118Page - Texas Instruments TMS320DM6431 Datasheet HTML 119Page - Texas Instruments TMS320DM6431 Datasheet HTML 120Page - Texas Instruments TMS320DM6431 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 227 page
background image
5.2 Recommended Operating Conditions
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
MIN
NOM
MAX
UNIT
CVDD
Supply voltage, Core (CVDD)
(1)
(-3/-3Q/-3S devices)
1.14
1.2
1.26
V
Supply voltage, I/O, 3.3V (DVDD33)
2.97
3.3
3.63
V
DVDD
Supply voltage, I/O, 1.8V (DVDDR2, DDR_VDDDLL, PLLPWR18,
1.71
1.8
1.89
V
MXVDD
(2))
VSS
Supply ground (VSS, DDR_VSSDLL, MXVSS
(3))
0
0
0
V
DDR_VREF
DDR2 reference voltage(4)
0.49DVDDR2
0.5DVDDR2
0.51DVDDR2
V
DDR_ZP
DDR2 impedance control, connected via 200
Ω resistor to V
SS
VSS
V
DDR_ZN
DDR2 impedance control, connected via 200
Ω resistor to DV
DDR2
DVDDR2
V
High-level input voltage, 3.3V (except I2C pins)
2
V
VIH
High-level input voltage, MXI/ CLKIN
0.65MXV
V
High-level input voltage, I2C
0.7DVDD33
Low-level input voltage, 3.3V (except I2C pins)
0.8
V
VIL
Low-level input voltage, MXI/ CLKIN
0.35MXV(5)
V
Low-level input voltage, I2C
0
0.3DVDD33
V
Commercial
0
90
C
TJ
Operating Junction temperature(6)(7)
Automotive (Q or S suffix)
–40
125
C
Commercial
0
70
C
TA
Operating Ambient Temperature(7)
Automotive (Q or S suffix)
-40
85
C
DSP Operating Frequency
FSYSCLK1
(-3/-3Q/-3S devices)
300
MHz
(SYSCLK1)
(1)
Future variants of TI SoC devices may operate at voltages ranging from 0.9 V to 1.4 V to provide a range of system power/performance
options. TI highly recommends that users design-in a supply that can handle multiple voltages within this range (i.e., 1.0 V, 1.05 V,
1.1 V, 1.14 V, 1.2, 1.26 V with 3% tolerances) by implementing simple board changes such as reference resistor values or input pin
configuration modifications. Not incorporating a flexible supply may limit the system's ability to easily adapt to future versions of TI SoC
devices.
(2)
Oscillator 1.8 V power supply (MXVDD) can be connected to the same 1.8 V power supply as DVDDR2.
(3)
Oscillator ground (MXVSS) must be kept separate from other grounds and connected directly to the crystal load capacitor ground.
(4)
DDR_VREF is expected to equal 0.5DVDDR2 of the transmitting device and to track variations in the DVDDR2.
(5)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
(6)
In the absence of a heat sink or direct thermal attachment on the top of the device, use the following formula to determine the device
junction temperature: TJ = TC + (Power x PsiJT). Power and TC can be measured by the user. Section 7.1, Thermal Data for ZWT and
Section 7.1.1, Thermal Data for ZDU provide the junction-to-package top (PSIJT) value based on airflow in the system. In the presence
of a heat sink or direct thermal attachment on the top of the device, additional calculations and considerations must be taken into
account. For more detailed information on thermal considerations, measurements, and calculations, see the Thermal Considerations for
TMS320DM64xx, TMS320DM64x, and TMS320C6000 Devices Application Report (literature number SPRAAL9).
(7)
Applications must meet both the Operating Junction Temperature and Operating Ambient Temperature requirements. For more detailed
information on thermal considerations, measurements, and calculations, see the Thermal Considerations for TMS320DM64xx,
TMS320DM64x, and TMS320C6000 Devices Application Report (literature number SPRAAL9).
Submit Documentation Feedback
Device Operating Conditions
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com