Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 114Page - Texas Instruments TMS320DM6431 Datasheet HTML 115Page - Texas Instruments TMS320DM6431 Datasheet HTML 116Page - Texas Instruments TMS320DM6431 Datasheet HTML 117Page - Texas Instruments TMS320DM6431 Datasheet HTML 118Page - Texas Instruments TMS320DM6431 Datasheet HTML 119Page - Texas Instruments TMS320DM6431 Datasheet HTML 120Page - Texas Instruments TMS320DM6431 Datasheet HTML 121Page - Texas Instruments TMS320DM6431 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 227 page
background image
5.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
High-level output voltage (3.3V I/O except
VOH
DVDD33 = MIN, IOH = MAX
2.4
V
I2C pins)
Low-level output voltage (3.3V I/O except
DVDD33 = MIN, IOL = MAX
0.4
V
2C pins)
VOL
Low-level output voltage (3.3V I/O I2C pins)
IO = 3 mA
0
0.4
V
VI = VSS to DVDD33 with internal pullup
50
100
250
µA
resistor (3)
Input current [DC] (except I2C capable pins)
II
(2)
VI = VSS to DVDD33 with internal pulldown
–250
–100
–50
µA
resistor (3)
Input current [DC] (I2C)
VI = VSS to DVDD33
±10
µA
CLK_OUT0/PWM2/GPIO[84] and GP[57]
-8
mA
IOH
High-level output current [DC]
DDR2
–13.4
mA
All other peripherals
-4
mA
CLK_OUT0/PWM2/GPIO[84] and GP[57]
8
mA
IOL
Low-level output current [DC]
DDR2
13.4
mA
All other peripherals
4
mA
VO = DVDD33 or VSS; internal pull disabled
50
µA
IOZ
(4)
I/O Off-state output current
VO = DVDD33 or VSS; internal pull enabled
±100
µA
CVDD = 1.2 V, DSP clock = 300 MHz
325
mA
ICDD
Core (CVDD) supply current
(5)
CVDD = 1.05 V, DSP clock = 300 MHz
278
mA
IDDD
3.3V I/O (DVDD33) supply current
(5)
DVDD = 3.3 V, DSP clock = 300 MHz
13
mA
DVDD = 1.8 V, CVDD = 1.2 V, DSP clock =
90
mA
300 MHz
1.8V I/O (DVDDR2, DDR_VDDDLL,
IDDD
PLLVPRW18, MXVDD) supply current
(5)
DVDD = 1.8 V, CVDD = 1.05 V, DSP clock =
71
mA
300 MHz
CI
Input capacitance
5
pF
Co
Output capacitance
5
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(4)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(5)
Measured under the following conditions: 60% DSP CPU utilization doing typical activity (peripheral configurations, other housekeeping
activities); DDR2 Memory Controller at 50% utilization (135 MHz), 50% writes, 32 bits, 50% bit switching; 2 MHz McBSP0 at 100%
utilization and 50% switching; Timer0 at 100% utilization. At room temperature (25 C) for typical process ZWT devices. The actual
current draw varies across manufacturing processes and is highly application-dependent. For more details on core and I/O activity, as
well as information relevant to board power supply design, see the TMS320DM643x Power Consumption Summary Application Report
(literature number SPRAAO6).
118
Device Operating Conditions
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com