Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771BCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 48Page - Analog Devices AD7771BCPZ Datasheet HTML 49Page - Analog Devices AD7771BCPZ Datasheet HTML 50Page - Analog Devices AD7771BCPZ Datasheet HTML 51Page - Analog Devices AD7771BCPZ Datasheet HTML 52Page - Analog Devices AD7771BCPZ Datasheet HTML 53Page - Analog Devices AD7771BCPZ Datasheet HTML 54Page - Analog Devices AD7771BCPZ Datasheet HTML 55Page - Analog Devices AD7771BCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 51 of 98
The SAR ADC has a maximum throughput rate of 256 kSPS.
The CONVST_SAR pin initiates a conversion on the SAR ADC.
The maximum allowable frequency of the CONVST_SAR pin is
256 kHz. If consecutive conversions are performed in the SAR
ADC, read back the result from the previous conversion before
a new conversion is generated. Otherwise, the results are
corrupted.
The SAR ADC is only available in SPI control mode. To read
conversion results from the SAR ADC, set the SAR_DIAG_
MODE_EN bit. After this bit is set, all data shifted out from the
SDO pin originates from the SAR ADC conversion, as shown in
Figure 121.
The CONVST_SAR signal can be internally deglitched to avoid
false triggers.
Table 29. SAR Synchronization and Deglitching
CONVST_DEGLITCH_DIS
(Register 0x013, Bits[7:6])
Effect on CONVST_SAR
11
CONVST_SAR goes directly to the SAR
10
CONVST_SAR reaches the SAR when
it is 1.5/MCLK cycles wide
Increase the acquisition time by 1.5/MCLK when the deglitch
circuitry is enabled.
Prior to the SAR ADC, the AD7771 contains an internal
multiplexer. This multiplexer can be configured over the SPI to
set the inputs to the SAR ADC to be either internal circuit
nodes (in the case of diagnostics) or to select the external
AUXAIN+ and AUXAIN− pins.
Along with converting external voltages, the SAR ADC monitors
the internal nodes on the AVDD, IOVDD, and DGND pins, and
the DLDO and analog LDO (ALDO) outputs. Some voltages are
internally attenuated by 6, and the resulting voltage is applied to
the SAR ADC, as shown in Table 30. This is useful because
variations in the power supply voltage can be monitored.
The input multiplexer of the SAR is controlled by the GLOBAL_
MUX_CONFIG register, and the different inputs available are
described in Table 30.
The SAR ADC also contains an SAR driver amplifier, as shown
in Figure 122. This amplifier settles the SAR input to 12-bit
accuracy within the t33 time. This driver amplifier helps
minimize the kickback from the SAR converter to the global
diagnostic mux input circuit nodes.
Use the auxiliary inputs, AUXAIN+ and AUXAIN−, to validate
the Σ-Δ measurements. While operating in SPI control mode,
the AD7771 has three available GPIOx ports controlled via the
SPI. The GPIOx pins can be used to control an external, dual
8:1 multiplexer, which, in turn, samples the eight Σ-Δ channels.
Use this diagnostic in applications where functional safety is
required. This diagnostic aids in removing the need for a
secondary external ADC to validate primary measurements on
the Σ-Δ channels.
Temperature Sensor
The internal die temperature can be measured with an accuracy
of ±2°C. The differential voltage base emitter (DVBE) is
proportional to the temperature measured referred to 25°C.
Temperature (°C) =
mV
2
V
6
.
0
−
BE
DV
Table 30. SAR Mux Inputs
SAR
Input
Positive
Signal
Negative
Signal
Attenuation ÷ 6
0
AUXAIN+
AUXAIN−
No
1
DVBE
AVSSx
No
2
REF1+
REF1−
No
3
REF2+
REF2−
No
4
REF_OUT
AVSSx
No
5
VCM
AVSSx
No
6
AREG1CAP
AVSSx
Yes
7
AREG2CAP
AVSSx
Yes
8
DREGCAP
DGND
Yes
9
AVDD1A
AVSSx
Yes
10
AVDD1B
AVSSx
Yes
11
AVDD2A
AVSSx
Yes
12
AVDD2B
AVSSx
Yes
13
IOVDD
DGND
Yes
14
AVDD4
AVSSx
No
15
DGND
AVSSx
Yes
16
DGND
AVSSx
Yes
17
DGND
AVSSx
Yes
18
AVDD4
AVSSx
Yes
19
REF1+
AVSSx
No
20
REF2+
AVSSx
No
21
AVSSx
AVDD4
Yes
CS
SDI
SDO
SET BIT 5
GENERAL_USER_CONFIG_2 REG
WRITE TO ADC MUX REGISTER
WRITE TO ADC MUX REGISTER
ADC CONVERSION RESULT REG
ADC CONVERSION RESULT REG
Figure 121. Configuring the AD7771 to Operate the SPI to Read from the SAR ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com