Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 21Page - Analog Devices AD7771BCPZ Datasheet HTML 22Page - Analog Devices AD7771BCPZ Datasheet HTML 23Page - Analog Devices AD7771BCPZ Datasheet HTML 24Page - Analog Devices AD7771BCPZ Datasheet HTML 25Page - Analog Devices AD7771BCPZ Datasheet HTML 26Page - Analog Devices AD7771BCPZ Datasheet HTML 27Page - Analog Devices AD7771BCPZ Datasheet HTML 28Page - Analog Devices AD7771BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 24 of 98
125
80
1000
16000
ODR (SPS)
85
90
95
100
105
110
115
120
4000
8000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = 0dBFS
Figure 50. SNR vs. ODR at 16 kSPS, High Resolution Mode
(AVDDx = 3.6 V, IOVDD = 3.6 V)
115
80
8000
128000
ODR (SPS)
85
90
95
100
105
110
32000
64000
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = 0dBFS
Figure 51. SNR vs. ODR at 64 kSPS, High Resolution Mode
(AVDDx = 3.6 V, IOVDD = 3.6 V)
1
2
4
8
PGA GAIN
108
96
100
98
102
104
106
TA = 25°C
ODR = 16kSPS
Figure 52. Dynamic Range vs. PGA Gain at 16 kSPS,
High Resolution Mode
500
2000
4000
8000
ODR (SPS)
120
80
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = 0dBFS
85
90
95
100
105
110
115
Figure 53. SNR vs. ODR at 4 kSPS, Low Power Mode
(AVDDx = 3.6 V, IOVDD = 3.6 V)
1000
8000
16000
32000
ODR (SPS)
120
80
85
90
95
100
105
110
115
TA = 25°C
VREF = 2.5V
VIN = 0dBFS
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
Figure 54. SNR vs. ODR at 16 kSPS, Low Power Mode
(AVDDx = 3.6 V, IOVDD = 3.6 V)
108
94
1
2
4
8
PGA GAIN
TA = 25°C
ODR = 4kSPS
98
100
102
104
106
Figure 55. Dynamic Range vs. PGA Gain at 4 kSPS,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com