Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771BCPZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD7771BCPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771BCPZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD7771BCPZ Datasheet HTML 71Page - Analog Devices AD7771BCPZ Datasheet HTML 72Page - Analog Devices AD7771BCPZ Datasheet HTML 73Page - Analog Devices AD7771BCPZ Datasheet HTML 74Page - Analog Devices AD7771BCPZ Datasheet HTML 75Page - Analog Devices AD7771BCPZ Datasheet HTML 76Page - Analog Devices AD7771BCPZ Datasheet HTML 77Page - Analog Devices AD7771BCPZ Datasheet HTML 78Page - Analog Devices AD7771BCPZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 74 of 98
Bits
Bit Name
Settings
Description
Reset
Access
[3:1]
DCLK_CLK_DIV
Divide MCLK
0x0
R/W
000
Divide by 1
001
Divide by 2
010
Divide by 4
011
Divide by 8
100
Divide by 16
101
Divide by 32
110
Divide by 64
111
Divide by 128
0
RESERVED
Reserved
0x0
R/W
MAIN ADC METER AND REFERENCE MUX CONTROL REGISTER
Address: 0x015, Reset: 0x00, Name: ADC_MUX_CONFIG
SD ADC Reference Mux
11: External Reference REFx-/REFx+.
10: External Supply AVDD1x/AVSSx.
01: Internal Reference.
00: External Reference REFx+/REFx-
SD ADC Meter Mux
1001: External Reference REFx+/REFx+.
1000: Internal Reference +/+.
0111: Internal Reference -/+.
0110: Internal Reference +/-
0101: External Reference REFx-/REFx-
0100: External Reference REFx-/REFx+.
0011: External Reference REFx+/REFx-
0010: 280m V.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] REF_MUX_CTRL (R/W)
[1:0] RESERVED
[5:2] MTR_MUX_CTRL (R/W)
Table 65. Bit Descriptions for ADC_MUX_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
REF_MUX_CTRL
Σ-Δ ADC Reference Mux.
0x0
R/W
00
External reference REFx+/REFx−.
01
Internal reference.
10
External supply AVDD1x/AVSSx.
11
External reference REFx−/REFx+.
[5:2]
MTR_MUX_CTRL
Σ-Δ ADC Meter Mux.
0x0
R/W
0010
280 mV.
0011
External reference REFx+/REFx−.
0100
External reference REFx−/REFx+.
0101
External reference REFx−/REFx−.
0110
Internal reference +/−.
0111
Internal reference −/+.
1000
Internal reference +/+.
1001
External reference REFx+/REFx+.
[1:0]
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com