Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 132 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 132 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 126Page - Analog Devices AD9689-2000EBZ Datasheet HTML 127Page - Analog Devices AD9689-2000EBZ Datasheet HTML 128Page - Analog Devices AD9689-2000EBZ Datasheet HTML 129Page - Analog Devices AD9689-2000EBZ Datasheet HTML 130Page - Analog Devices AD9689-2000EBZ Datasheet HTML 131Page - Analog Devices AD9689-2000EBZ Datasheet HTML 132Page - Analog Devices AD9689-2000EBZ Datasheet HTML 133Page - Analog Devices AD9689-2000EBZ Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 132 of 134
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The power supplies required to power the AD9689 are
shown in Table 54. A power-on sequence is not required to
operate the AD9689. The power supply domains can be
powered up in any order.
Table 54. Typical Power Supplies for the AD9689
Domain
Voltage (V)
Tolerance (%)
AVDD1
0.975
±2.5
AVDD1_SR
0.975
±2.5
DVDD
0.975
±2.5
DRVDD1
0.975
±2.5
AVDD2
1.9
±2.5
DRVDD2
1.9
±2.5
SPIVDD
1.9
±2.5
AVDD3
2.5
±2.5
For applications requiring an optimal high power efficiency and
low noise performance, it is recommended that the ADP5054
quad switching regulator be used to convert an input voltage in
the 6.0 V to 15 V range to intermediate rails (1.3 V, 2.4 V, and
3.0 V). These intermediate rails are then postregulated by very
low noise, low dropout (LDO) regulators (ADP1763, ADP7159,
and LT3045). Figure 157 shows the recommended power supply
scheme for the AD9689.
AVDD1
0.975V
1.3V
ANALOG
AVDD1_SR
0.975V
DVDD
0.975V
DRVDD1
0.975V
AVDD2
1.9V
DRVDD2
1.9V
ADP5054
6.0V
TO
15.0V
AVDD3
2.5V
3.0V
LDO
SWITCHER
OPTIONAL PATH
1.3V
DIGITAL
OPTIONAL
2.4V
SPIVDD
1.9V
REFERENCED TO AGND
OPTIONAL
ADP1763
ADP1763
LT3045
LT3045
LT3045
Figure 157. High Efficiency, Low Noise Power Solution for the AD9689
It is not necessary to split all of these power domains in all cases.
The recommended solution shown in Figure 157 provides the
lowest noise, highest efficiency power delivery system for the
AD9689. If only one 0.975 V supply is available, route to AVDD1
first and then tap it off and isolate it with a ferrite bead or a
filter choke, preceded by decoupling capacitors for AVDD1_SR,
DVDD, and DRVDD1, in that order. Figure 158 shows the
simplified schematic. The dc resistance (DCR) of the ferrite
bead must be taken into consideration when choosing the
appropriate ferrite bead. Otherwise, excessive loss across the
ferrite bead can lead to a malfunctioning ADC. Adjustable LDOs
can be employed to output a higher voltage to account for the
drop across the ferrite bead.
Alternatively, the LDOs can be bypassed altogether and the
AD9689 can be driven directly from the dc-to-dc converter.
Note that this approach has risks in that there may be more
power supply noise inserted into the power supply domains of
the ADC. To minimize noise, follow the layout guidelines of the
dc-to-dc converter.
AVDD1
0.975V
1.3V
ANALOG
AVDD1_SR
0.975V
DVDD
0.975V
DRVDD1
0.975V
AVDD2
1.9V
DRVDD2
1.9V
ADP5054
12V FROM FMC OR
6.0V FROM WALL
SUPPLY
AVDD3
2.5V
3.0V
LDO
SWITCHER
OPTIONAL PATH
FERRITE BEAD
1.3V
DIGITAL
2.4V
SW3
SW4
SW1
SW2
ADP1763
LT3045
LT3045
SPIVDD
1.9V
NOTES
1. ALL VOLTAGES REFERENCED TO AGND.
Figure 158. Simplified Power Solution for the AD9689
The user can employ several different decoupling capacitors to
cover both high and low frequencies. These capacitors must be
located close to the point of entry at the PCB level and close to
the devices, with minimal trace lengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com