| Electronic Components Datasheet Search |
|
TSB41BA3APFP Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41BA3APFP Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 66 page ![]() TSB41BA3A IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER SLLS618B − JUNE 2004 − REVISED AUGUST 2004 53 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (1394B INTERFACE) LLC service request (continued) Table 27. Bus Request BIT(s) NAME DESCRIPTION 0 Start bit Indicates the beginning of the transfer (always 1) 1−4 Request type Indicates the type of bus request. See Table 26. 5 Request format Indicates the packet format to be used for packet transmission. See Table 28. 6−9 Request speed Indicates the speed at which the link sends the data to the PHY. See Table 29 for the encoding of this field. 10 Stop bit Indicates the end of the transfer (always 0). If bit 6 is 0, then this bit may be omitted. Table 28 shows the 1-bit request format field used in bus requests. Table 28. Bus Request Format Encoding LR5 DATA RATE 0 Link does not request either beta or legacy packet format for bus transmission 1 Link requests beta packet format for bus transmission Table 29 shows the 4-bit request speed field used in bus requests. Table 29. TBus Request Speed Encoding LR6−LR9 DATA RATE 0000 S100 0001 Reserved 0010 S200 0011 Reserved 0100 S400 0101 Reserved 0110 S800 All Others Invalid NOTE: The TSB41BA3A accepts a bus request with an invalid speed code and processes the bus request normally. However, during packet transmission for such a request, the TSB41BA3A ignores any data presented by the LLC and transmits a null packet. For a read register request, the length of the LREQ bit stream is 10 bits as shown in Table 30. Table 30. Read Register Request BIT(s) NAME DESCRIPTION 0 Start bit Indicates the beginning of the transfer (always 1) 1−4 Request type A 1010 indicates this is a read register request 5−8 Address Identifies the address of the PHY register to be read 9 Stop bit Indicates the end of the transfer (always 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |