Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 56 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 52Page - Texas Instruments TSB41BA3APFP Datasheet HTML 53Page - Texas Instruments TSB41BA3APFP Datasheet HTML 54Page - Texas Instruments TSB41BA3APFP Datasheet HTML 55Page - Texas Instruments TSB41BA3APFP Datasheet HTML 56Page - Texas Instruments TSB41BA3APFP Datasheet HTML 57Page - Texas Instruments TSB41BA3APFP Datasheet HTML 58Page - Texas Instruments TSB41BA3APFP Datasheet HTML 59Page - Texas Instruments TSB41BA3APFP Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
status transfer (continued)
PHY status transfers use the PINT terminal to serially send status information to the LLC as shown in Figure 25.
PHY status transfers (see Table 34) can occur at any time during normal operation. The PHY uses the
PHY_INTERRUPT PHY status transfer when required to interrupt the LLC due to a configuration timeout, a
cable power failure, a port interrupt, or an arbitration timeout. When transferring PHY register contents, the PHY
uses either the solicited or the unsolicited register read status transfer. The unsolicited register 0 contents are
passed to the LLC only during initialization of the serial bus. After any PHY-link interface initialization, the PHY
sends a PHY status transfer indicating whether or not a bus reset occurred during the inactive period of the
PHY-link interface. If the PHY receives an illegal request from the LLC, then the PHY issues an
INTERFACE_ERROR PHY status transfer.
Each cell represents one clock sample time, and n is the number of bits in the request stream.
LR1
LR2
LR3
LR (n-2)
LR0
LR (n-1)
Figure 25. PINT (PHY Interrupt) Stream
Table 34. PHY Status Transfer Encoding
PI[1:3]
NAME
DESCRIPTION
NUMBER OF BITS
000
NOP
No status indication
5
001
PHY_INTERRUPT
Interrupt indication: configuration timeout, cable power failure, port event
interrupt, or arbitration state machine timeout
5
010
PHY_REGISTER_SOL
Solicited PHY register read
17
011
PHY_REGISTER_UNSOL
Unsolicited PHY register read
17
100
PH_RESTORE_NO_RESET
PHY-link interface initialized; no bus resets occurred
5
101
PH_RESTORE_RESET
PHY-link interface initialized; a bus reset occurred
5
110
INTERFACE_ERROR
PHY received illegal request
5
111
Reserved
Reserved
Reserved
Most PHY status transfers are 5 bits long. The transfer consists of a start bit (always 1), followed by a request
type (see Table 34), and lastly followed by a stop bit (always 0). The only exception is when the transfer of a
register contents occurs. Solicited and unsolicited PHY register read transfers are 17 bits long and include the
additional information of the register address and the data contents of the register (see Table 35).
Table 35. Register Read (Solicited and Unsolicited) PHY Status Transfer Encoding
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1−3
Request type
A 010 or a 011 indicates a solicited or unsolicited register contents transfer
4−7
Address
Identifies the address of the PHY register whose contents are being transferred
8−15
Data
The contents of the register specified in bits 4 through 7
16
Stop bit
Indicates the end of the transfer (always 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com