Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 8Page - Texas Instruments TSB41BA3APFP Datasheet HTML 9Page - Texas Instruments TSB41BA3APFP Datasheet HTML 10Page - Texas Instruments TSB41BA3APFP Datasheet HTML 11Page - Texas Instruments TSB41BA3APFP Datasheet HTML 12Page - Texas Instruments TSB41BA3APFP Datasheet HTML 13Page - Texas Instruments TSB41BA3APFP Datasheet HTML 14Page - Texas Instruments TSB41BA3APFP Datasheet HTML 15Page - Texas Instruments TSB41BA3APFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
TYPE
PFP
NO.
GGM
NO.
I/O
DESCRIPTION
S3
CMOS
33
E9
I
Port sleep/mode selection terminal 3. On hardware reset, this terminal when used with the
other 5 selection pins allows the user to select the speed and mode of the ports. See
Table 1. Programming is done by tying the terminals high through a 1-k
Ω or smaller resistor
or by tying directly to ground through a 1-k
Ω or smaller resistor. A bus holder is built into this
terminal.
S4
CMOS
32
E10
I
Port sleep/mode selection terminal 4. On hardware reset, this terminal when used with the
other 5 selection pins allows the user to select the speed and mode of the ports. See
Table 1. Programming is done by tying the terminals high through a 1-k
Ω or smaller resistor
or by tying directly to ground through a 1-k
Ω or smaller resistor. A bus holder is built into this
terminal.
S5_LKON
CMOS
2
K2
I/O
Port sleep/mode selection terminal 5 and link-on output. This terminal may be connected to
the link-on input terminal of the LLC through a 1-k
Ω resistor if the link-on input is available
on the link layer.
On hardware reset, this terminal when used with the other 5 selection pins allows the user
to select the speed and mode of the ports. See Table 1. A bus holder is built into this
terminal.
After hardware reset, this terminal is the link-on output, which notifies the LLC or other
power-up logic to power up and become active. The link-on output is a square wave signal
with a period of approximately 163 ns (8 PCLK cycles) when active. The link-on output is
otherwise driven low, except during hardware reset when it is high impedance.
The link-on output is activated if the LLC is inactive (the LPS input inactive or the LCtrl bit
cleared) and when one:
a) The PHY receives a link-on PHY packet addressed to this node
b) The PEI (port-event interrupt) register bit is 1, or
c) Any of the CTOI (configuration-timeout interrupt), CPSI (cable-power-status interrupt),
or
d) The PHY is power cycled and the power class is 0 through 4
Once activated, the link-on output is active until the LLC becomes active (both the LPS
input active and the LCtrl bit set). The PHY also deasserts the link-on output when a bus-
reset occurs unless the link-on output is otherwise active because one of the interrupt bits
is set (that is, the link-on output is active due solely to the reception of a link-on PHY
packet).
In the case of power cycling the PHY, the LKON signal must stop after 167
µs if the above
conditions have not been met.
NOTE: If an interrupt condition exists which otherwise causes the link-on output to be
activated if the LLC were inactive, then the link-on output is activated when the LLC
subsequently becomes inactive.
TESTM
CMOS
78
H2
I
Test control input. This input is used in the manufacturing test of the TSB41BA3A. For
normal use this terminal must be pulled high through a 1-k
Ω resistor to VDD.
TPA0−
TPA0+
TPB0−
TPB0+
Cable
45,
46,
41,
42
A8
B7
B9
A9
I/O
Port 0 twisted-pair differential-signal terminals. Board traces from each pair of positive
and negative differential signal terminals must be kept matched and as short as
possible to the external load resistors and to the cable connector. Request the S800
1394b layout recommendations document from your Texas Instruments representative.
TPA1−
TPA1+
TPB1−
TPB1+
Cable
52
53
48
49
A5
B5
A6
B6
I/O
Port 1 twisted-pair differential-signal terminals. Board traces from each pair of positive
and negative differential signal terminals must be kept matched and as short as
possible to the external load resistors and to the cable connector. Request the S800
1394b layout recommendations document from your Texas Instruments representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com