Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 14Page - Texas Instruments TSB41BA3APFP Datasheet HTML 15Page - Texas Instruments TSB41BA3APFP Datasheet HTML 16Page - Texas Instruments TSB41BA3APFP Datasheet HTML 17Page - Texas Instruments TSB41BA3APFP Datasheet HTML 18Page - Texas Instruments TSB41BA3APFP Datasheet HTML 19Page - Texas Instruments TSB41BA3APFP Datasheet HTML 20Page - Texas Instruments TSB41BA3APFP Datasheet HTML 21Page - Texas Instruments TSB41BA3APFP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise noted)
driver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VOD
1394a differential output voltage
56
Ω,
See Figure 1
172
265
mV
VOD
1394b differential output voltage
300
700
800
mV
IDIFF
Driver difference current, TPA+, TPA−, TPB+, TPB−
Drivers enabled, speed signaling off
−1.05†
1.05†
mA
ISP200
Common-mode speed signaling current, TPB+, TPB−
S200 speed signaling enabled
−4.84‡
−2.53‡
mA
ISP400
Common-mode speed signaling current, TPB+, TPB−
S400 speed signaling enabled
−12.4‡
−8.1‡
mA
VOFF
Off state differential voltage
Drivers disabled,
See Figure 1
20
mV
† Limits defined as algebraic sum of TPA+ and TPA− driver currents. Limits also apply to TPB+ and TPB− algebraic sum of driver currents.
‡ Limits defined as absolute limit of each of TPB+ and TPB− driver currents.
receiver
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ZID
Differential impedance
Drivers disabled
4
7
k
Ω
ZID
Differential impedance
Drivers disabled
4
pF
ZIC
Common-mode impedance
Drivers disabled
20
k
Ω
ZIC
Common-mode impedance
Drivers disabled
24
pF
VTH−R
Receiver input threshold voltage
Drivers disabled
−30
30
mV
VTH−CB
Cable bias detect threshold, TPBx cable inputs
Drivers disabled
0.6
1
V
VTH+
Positive arbitration comparator threshold voltage
Drivers disabled
89
168
mV
VTH−
Negative arbitration comparator threshold voltage
Drivers disabled
−168
−89
mV
VTH−SP200
Speed signal threshold
TPBIAS−TPA common-mode
voltage, drivers disabled
49
131
mV
VTH−SP400
Speed signal threshold
TPBIAS−TPA common-mode
voltage, drivers disabled
314
396
mV
device
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current 3.3 VDD
See Note 2
75
mA
VTH
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
VOH
High-level output voltage, CTL0, CTL1,
D0−D7, PCLK, S5_LKON outputs
VDD = 3 to 3.6 V,
IOH = −4 mA
2.8
V
VOL
Low-level output voltage, CTL0, CTL1,
D0−D7, PCLK, S5_LKON outputs
IOL = 4 mA
0.4
V
IBH+
Positive peak bus holder current, D0−D7,
CTL0−CTL1, LREQ
VDD = 3.6 V,
VI = 0 V to VDD
0.05
1
mA
IBH−
Negative peak bus holder current, D0−D7,
CTL0−CTL1, LREQ
VDD = 3.6 V,
VI = 0 V to VDD
−1.0
−0.05
mA
IOZ
Off-state output current, CTL0, CTL1, D0−D7,
VO = VDD or 0 V
TSB41BA3A
±5
A
IOZ
Off-state output current, CTL0, CTL1, D0−D7,
S5_LKON I/Os
VO = VDD or 0 V
TSB41BA3AI
±20
µA
IIRST
Pullup current, RESETz input
VI = 1.5 V or 0 V
−90
−20
µA
VO
TPBIAS output voltage
At rated IO current
1.665
2.015
V
† Measured at cable power side of resistor.
NOTE 2: Repeat Max Packet (1 port receiving maximum size isochronous packet—4096 bytes, sent on every isochronous interval, data value
of 0x00FF00FFh; 2 ports repeating; all ports with S400 beta-mode connection), VDD3.3 = 3.3 V, internal regulator, TA = 25_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com