Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 55 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 51Page - Texas Instruments TSB41BA3APFP Datasheet HTML 52Page - Texas Instruments TSB41BA3APFP Datasheet HTML 53Page - Texas Instruments TSB41BA3APFP Datasheet HTML 54Page - Texas Instruments TSB41BA3APFP Datasheet HTML 55Page - Texas Instruments TSB41BA3APFP Datasheet HTML 56Page - Texas Instruments TSB41BA3APFP Datasheet HTML 57Page - Texas Instruments TSB41BA3APFP Datasheet HTML 58Page - Texas Instruments TSB41BA3APFP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
status transfer
A status transfer is initiated by the PHY when there is status information to be transferred to the LLC. Two types
of status transfers may occur: bus status transfer and PHY status transfer. Bus status transfers send the
following status information: bus reset indications, subaction and arbitration reset gap indications, cycle start
indications, and PHY interface reset indications. PHY status transfers send the following information: PHY
interrupt indications, unsolicited and solicited PHY register data, bus initialization indications, and PHY-link
interface error indications. The PHY uses a different mechanism to send the bus status transfer and the PHY
status transfer.
Bus status transfers use the CTL0−CTL1 and D0−D7 terminals to transfer status information. Bus status
transfers can occur during idle periods on the PHY-link interface or during packet reception. When the status
transfer occurs, a single PCLK cycle of status information is sent to the LLC. The information is sent such that
each individual Dn terminal conveys a different bus status transfer event. During any bus status transfer, only
one status bit is set. If the PHY-link interface is inactive, then the status information is not sent. When a bus reset
on the serial bus occurs, the PHY sends a bus reset indication (via the CTLn and Dn terminals), cancels all
packet transfer requests, sets asynchronous and isochronous phases to even, forwards self-ID packets to the
link, and sends an unsolicited PHY register 0 status transfer (via the PINT terminal) to the LLC. In the case of a
PHY interface reset operation, the PHY-link interface is reset on the following PCLK cycle.
Table 33 shows the definition of the bits during the bus status transfer and Figure 24 shows the timing.
Table 33. Status Bits
STATUS BIT
DESCRIPTION
D0
Bus reset
D1
Arbitration reset gap—Odd
D2
Arbitration reset gap—Even
D3
Cycle start—Odd
D4
Cycle start—Even
D5
Subaction gap
D6
PHY interface reset
D7
Reserved
D[0:7]
XX
ST
XX
CTL[0:1]
XX
01
XX
Status Bits
Figure 24. Bus Status Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com