Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41BA3APFP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 60 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 56Page - Texas Instruments TSB41BA3APFP Datasheet HTML 57Page - Texas Instruments TSB41BA3APFP Datasheet HTML 58Page - Texas Instruments TSB41BA3APFP Datasheet HTML 59Page - Texas Instruments TSB41BA3APFP Datasheet HTML 60Page - Texas Instruments TSB41BA3APFP Datasheet HTML 61Page - Texas Instruments TSB41BA3APFP Datasheet HTML 62Page - Texas Instruments TSB41BA3APFP Datasheet HTML 63Page - Texas Instruments TSB41BA3APFP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
transmit (continued)
GT = Grant Type
LR = Link Request Type
d0−dn = packet data
PHY D[0:7]
PHY CTL[0:1]
00
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
GT
00
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
11
01
01
11
ZZ
ZZ
ZZ
ZZ
ZZ
00
d0
d1
00
PHY D[0:7]
PHY CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
LLC D[0:7]
LLC CTL[0:1]
ZZ
ZZ
ZZ
ZZ
ZZ
ZZ
00
00
00
ZZ
01
01
11
00
ZZ
ZZ
ZZ
ZZ
ZZ
dn−1
dn
LR
00
ZZ
ZZ
ZZ
ZZ
ZZ
Figure 29. Transmit Packet Timing With Optional Link Request
The hold state asserted at the end of packet transmission allows the LLC to make an additional link request for
packet transmission and/or to notify the PHY that the packet marks the end of a subaction. The link requests
allowed after packet transmission are listed in Table 37 (note that the link request types allowed during this
period are a subset of all of the allowed types of link requests—see Table 26). The associated speed codes and
packet format are listed in Table 37 and Table 38, respectively. If the LLC requests to send an additional packet,
then the PHY does not necessarily have to grant the request. If the LLC is notifying the PHY of the end of a
subaction, then the LLC sets D4 during the hold state at the end of packet transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com