Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 139Page - Microchip Technology PIC16F73-E/P Datasheet HTML 140Page - Microchip Technology PIC16F73-E/P Datasheet HTML 141Page - Microchip Technology PIC16F73-E/P Datasheet HTML 142Page - Microchip Technology PIC16F73-E/P Datasheet HTML 143Page - Microchip Technology PIC16F73-E/P Datasheet HTML 144Page - Microchip Technology PIC16F73-E/P Datasheet HTML 145Page - Microchip Technology PIC16F73-E/P Datasheet HTML 146Page - Microchip Technology PIC16F73-E/P Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 141
PIC16F7X
16.0
DC AND AC CHARACTERISTICS GRAPHS AND TABLES
“Typical” represents the mean of the distribution at 25
°C. “Maximum” or “minimum” represents (mean + 3σ) or (mean - 3σ)
respectively, where
σ is a standard deviation, over the whole temperature range.
FIGURE 16-1:
TYPICAL IDD vs. FOSC OVER VDD (HS MODE)
FIGURE 16-2:
MAXIMUM IDD vs. FOSC OVER VDD (HS MODE)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified oper-
ating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
0
1
2
3
4
5
6
4
6
8
10
12
14
16
18
20
F OS C (M H z )
5.5 V
5.0 V
4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
2.0 V
Typical: statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum: mean – 3
σ (-40°C to 125°C)
0
1
2
3
4
5
6
7
8
4
6
8
10
12
1 4
16
18
20
F OS C (M H z )
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
Typical: statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum: mean – 3
σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com