Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 141Page - Microchip Technology PIC16F73-E/P Datasheet HTML 142Page - Microchip Technology PIC16F73-E/P Datasheet HTML 143Page - Microchip Technology PIC16F73-E/P Datasheet HTML 144Page - Microchip Technology PIC16F73-E/P Datasheet HTML 145Page - Microchip Technology PIC16F73-E/P Datasheet HTML 146Page - Microchip Technology PIC16F73-E/P Datasheet HTML 147Page - Microchip Technology PIC16F73-E/P Datasheet HTML 148Page - Microchip Technology PIC16F73-E/P Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 143
PIC16F7X
FIGURE 16-5:
TYPICAL IDD vs. FOSC OVER VDD (LP MODE)
FIGURE 16-6:
MAXIMUM IDD vs. FOSC OVER VDD (LP MODE)
55
40
15
10
25
20
30
35
45
50
30
50
60
40
70
80
90
100
FOSC (kHz)
3.5V
3.0V
2.0V
5.5V
5.0V
4.5V
4.0V
2.5V
Typical: statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum: mean – 3
σ (-40°C to 125°C)
30
20
30
50
60
40
70
80
90
100
FOSC (kHz)
40
50
60
70
80
90
100
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
Typical: statistical mean @ 25°C
Maximum: mean + 3
σ (-40°C to 125°C)
Minimum: mean – 3
σ (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com