Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 153Page - Microchip Technology PIC16F73-E/P Datasheet HTML 154Page - Microchip Technology PIC16F73-E/P Datasheet HTML 155Page - Microchip Technology PIC16F73-E/P Datasheet HTML 156Page - Microchip Technology PIC16F73-E/P Datasheet HTML 157Page - Microchip Technology PIC16F73-E/P Datasheet HTML 158Page - Microchip Technology PIC16F73-E/P Datasheet HTML 159Page - Microchip Technology PIC16F73-E/P Datasheet HTML 160Page - Microchip Technology PIC16F73-E/P Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 155
PIC16F7X
28-Lead Plastic Shrink Small Outline (SS) – 209 mil, 5.30 mm (SSOP)
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-150
Drawing No. C04-073
10
5
0
10
5
0
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.38
0.32
0.25
.015
.013
.010
B
Lead Width
203.20
101.60
0.00
8
4
0
φ
Foot Angle
0.25
0.18
0.10
.010
.007
.004
c
Lead Thickness
0.94
0.75
0.56
.037
.030
.022
L
Foot Length
10.34
10.20
10.06
.407
.402
.396
D
Overall Length
5.38
5.25
5.11
.212
.207
.201
E1
Molded Package Width
8.10
7.85
7.59
.319
.309
.299
E
Overall Width
0.25
0.15
0.05
.010
.006
.002
A1
Standoff
§
1.83
1.73
1.63
.072
.068
.064
A2
Molded Package Thickness
1.98
1.85
1.73
.078
.073
.068
A
Overall Height
0.65
.026
p
Pitch
28
28
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
2
1
D
p
n
B
E1
E
L
β
c
φ
α
A2
A1
A
β
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com