Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 157Page - Microchip Technology PIC16F73-E/P Datasheet HTML 158Page - Microchip Technology PIC16F73-E/P Datasheet HTML 159Page - Microchip Technology PIC16F73-E/P Datasheet HTML 160Page - Microchip Technology PIC16F73-E/P Datasheet HTML 161Page - Microchip Technology PIC16F73-E/P Datasheet HTML 162Page - Microchip Technology PIC16F73-E/P Datasheet HTML 163Page - Microchip Technology PIC16F73-E/P Datasheet HTML 164Page - Microchip Technology PIC16F73-E/P Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 159
PIC16F7X
44-Lead Plastic Thin Quad Flatpack (PT) 10x10x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
* Controlling Parameter
Notes:
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-026
Drawing No. C04-076
1.14
0.89
0.64
.045
.035
.025
CH
Pin 1 Corner Chamfer
1.00
.039
(F)
Footprint (Reference)
(F)
A
A1
A2
α
E
E1
#leads=n1
p
B
D1
D
n
1
2
φ
c
β
L
Units
INCHES
MILLIMETERS*
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
44
44
Pitch
p
.031
0.80
Overall Height
A
.039
.043
.047
1.00
1.10
1.20
Molded Package Thickness
A2
.037
.039
.041
0.95
1.00
1.05
Standoff
§
A1
.002
.004
.006
0.05
0.10
0.15
Foot Length
L
.018
.024
.030
0.45
0.60
0.75
Foot Angle
φ
03.5
7
0
3.5
7
Overall Width
E
.463
.472
.482
11.75
12.00
12.25
Overall Length
D
.463
.472
.482
11.75
12.00
12.25
Molded Package Width
E1
.390
.394
.398
9.90
10.00
10.10
Molded Package Length
D1
.390
.394
.398
9.90
10.00
10.10
Pins per Side
n1
11
11
Lead Thickness
c
.004
.006
.008
0.09
0.15
0.20
Lead Width
B
.012
.015
.017
0.30
0.38
0.44
Mold Draft Angle Top
α
51015
5
10
15
Mold Draft Angle Bottom
β
51015
5
10
15
CH x 45
°
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com