Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F73-E/P Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC16F73-E/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-E/P Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC16F73-E/P Datasheet HTML 158Page - Microchip Technology PIC16F73-E/P Datasheet HTML 159Page - Microchip Technology PIC16F73-E/P Datasheet HTML 160Page - Microchip Technology PIC16F73-E/P Datasheet HTML 161Page - Microchip Technology PIC16F73-E/P Datasheet HTML 162Page - Microchip Technology PIC16F73-E/P Datasheet HTML 163Page - Microchip Technology PIC16F73-E/P Datasheet HTML 164Page - Microchip Technology PIC16F73-E/P Datasheet HTML 165Page - Microchip Technology PIC16F73-E/P Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 174 page
background image
PIC16F7X
DS30325B-page 160
 2002 Microchip Technology Inc.
44-Lead Plastic Leaded Chip Carrier (L) – Square (PLCC)
CH2 x 45
°
CH1 x 45
°
10
5
0
10
5
0
β
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.53
0.51
0.33
.021
.020
.013
B
0.81
0.74
0.66
.032
.029
.026
B1
Upper Lead Width
0.33
0.27
0.20
.013
.011
.008
c
Lead Thickness
11
11
n1
Pins per Side
16.00
15.75
14.99
.630
.620
.590
D2
Footprint Length
16.00
15.75
14.99
.630
.620
.590
E2
Footprint Width
16.66
16.59
16.51
.656
.653
.650
D1
Molded Package Length
16.66
16.59
16.51
.656
.653
.650
E1
Molded Package Width
17.65
17.53
17.40
.695
.690
.685
D
Overall Length
17.65
17.53
17.40
.695
.690
.685
E
Overall Width
0.25
0.13
0.00
.010
.005
.000
CH2
Corner Chamfer (others)
1.27
1.14
1.02
.050
.045
.040
CH1
Corner Chamfer 1
0.86
0.74
0.61
.034
.029
.024
A3
Side 1 Chamfer Height
0.51
.020
A1
Standoff
§
A2
Molded Package Thickness
4.57
4.39
4.19
.180
.173
.165
A
Overall Height
1.27
.050
p
Pitch
44
44
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
β
A2
c
E2
2
D
D1
n
#leads=n1
E
E1
1
α
p
A3
A
35
°
B1
B
D2
A1
.145
.153
.160
3.68
3.87
4.06
.028
.035
0.71
0.89
Lower Lead Width
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MO-047
Drawing No. C04-048
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com