Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

DAP018x Marking, DAP018DDR2G Datasheet(PDF) 15 Page - ON Semiconductor

Part # DAP018DDR2G
Description  PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP018DDR2G Datasheet(HTML) 15 Page - ON Semiconductor

Back Button DAP018DDR2G Datasheet HTML 11Page - ON Semiconductor DAP018DDR2G Datasheet HTML 12Page - ON Semiconductor DAP018DDR2G Datasheet HTML 13Page - ON Semiconductor DAP018DDR2G Datasheet HTML 14Page - ON Semiconductor DAP018DDR2G Datasheet HTML 15Page - ON Semiconductor DAP018DDR2G Datasheet HTML 16Page - ON Semiconductor DAP018DDR2G Datasheet HTML 17Page - ON Semiconductor DAP018DDR2G Datasheet HTML 18Page - ON Semiconductor DAP018DDR2G Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DAP018A/B/C/D/F
http://onsemi.com
15
SS = 5 ms
Current
setpoint
IpFlag
100ms
Timer
Full power
Freq. foldback / skip level
regulation
No error has
been confirmed
User
Powers up!
Feedback loops
reacts...
Figure 34. An Error Flag gets Asserted
VCC(on)
VCC(min)
VCC
VFB
Ip,max
VCClatch
VCCreset
An error flag gets asserted as soon as the current setpoint reaches its upper limit (0.8 V/Rsense). Here the timer lasts 100 ms,
a 0.22
mF capacitor being connected to pin 3.
Short−circuit or Overload Mode
There can be various events that force a fault on the
primary side controller. We can split them in different
situation, each having a particular configuration:
1. the converter regulates but the auxiliary winding
collapses: this is a typical situation linked to the
usage of a constant−current / constant−voltage
(CC−CV) type of secondary−side controller. If the
output current increases, the voltage feedback loop
gives up and the current loop takes over. It means
that Vout goes low but the feedback loop is still
closed because of the output current monitoring.
Therefore, seen from the primary side, there is no
fault. However, there are numerous charger
applications where the output voltage shall not go
below a certain limit, even if the current is
controlled. To cope with this situation, the
controller features a precise under−voltage lockout
comparator biased to a VCC(min) level. When this
level is crossed, whatever the other pin conditions,
pulses are stopped and the controller enters the
safe hiccup mode, trying to re−start. Figure 35
shows how the converter will behave in this
situation. If the fault goes away, the SMPS
resumes operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com