| Electronic Components Datasheet Search |
|
DAP018x Marking, DAP018DDR2G Datasheet(PDF) 19 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
DAP018DDR2G Datasheet(HTML) 19 Page - ON Semiconductor |
|
19 / 28 page ![]() DAP018A/B/C/D/F http://onsemi.com 19 Figure 40. The Part is Reset when VCC Reaches 5 V or when BO Senses the Bulk Capacitor Voltage is Back to Normal The user has unplugged, reset! Fault! Vlatch Vlatch Drv VCC(on) VCC(min) VCCreset VCClatch VCC(min) VCC(on) VCC If for any reason the latch pin level grows above Vlatch, the part immediately stops pulsing and stays latched in this position until the user cycles down the power supply. The reset actually occurs if VCC drops below 5 V, e.g. if the adapter user disconnects it from the mains. Figure 40 details the operating diagrams in case of a fault. Please note the presence of RC time constant on the comparator output, aimed to filtering any spurious oscillations linked to an eventual noise presence. The typical value of this time constant is 20 ms. On both OVP and OTP events and in the case of a latched−OCP version, the latch reset occurs in the following conditions: • a user reset via a mains interruption (unplug and replug adapter) which is long enough to let the VCC capacitor discharge to the controller reset level of 5 V. • for B & D versions, a reset can occur if the brown−out circuitry is asserted before the VCC reaches 5 V. Soft−start The Speedking II features an internal soft−start circuit activated during the power on sequence (PON) but also in fault recovery (short−circuit protection or brown−out release). As soon as VCC reaches VCC(on), the peak current is gradually increased from nearly zero up to the maximum clamping level (e.g. 0.8 V/Rsense). The peak current is clamped at 0.8 V/Rsense through the entire soft−start period until the supply enters regulation. Figure 41 shows a typical startup shot. vss vcc 8.56m 9.23m 9.90m 10.6m 11.2m −300m 100m 500m 900m 1.30 1 7.95m 8.95m 9.95m 10.9m 11.9m time in seconds 9.00 10.0 11.0 12.0 13.0 2 vss vcc −300m 100m 500m 900m 1.30 1 9.00 10.0 11.0 12.0 13.0 2 Figure 41. Soft−start is Activated During a Start−up Sequence, an Auto−recovery Burst−mode or when the Brown−out Pin is Released 5 ms VCC(on) VCC Ip(t) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |