| Electronic Components Datasheet Search |
|
DAP018x Marking, DAP018DDR2G Datasheet(PDF) 18 Page - ON Semiconductor |
|
||||||||||||||||||||||||||||||
DAP018DDR2G Datasheet(HTML) 18 Page - ON Semiconductor |
|
18 / 28 page ![]() DAP018A/B/C/D/F http://onsemi.com 18 The recurrence in hiccup mode can easily be adjusted by either reducing the timer or increasing the VCC capacitor. Figure 38 details the various time portion a hiccup is made of: Drv timer timer Figure 38. The Burst Period is Ensured by the VCC Capacitor Charge / Discharge Cycle (here a 0.22 mF capacitor on timer) VCC VCClatch VCCreset t1 t2 t′1 t3 t′2 VCC(on) VCC(min) If by design we have selected a 22 mF VCC capacitor, it becomes easy to evaluate the burst period and its duty−cycle. This can be done by properly identifying all time events on Figure 38 and applying the classical formula: t + CDV I • t1: I = ICC3 = 600 mA, ΔV = 9 – 6.5 = 2.5 V ³ t1 = 91 ms • t2: I = 3 mA, ΔV = 15 – 6.5 = 8.5 V ³ t1 = 62 ms • t3: I = 600 mA, ΔV = 15 – 6.5 = 8.5 V ³ t1 = 311 ms • t′1 = t1 = 91 ms • t′2 = t2 = 62 ms The total period duration is thus the sum of all these events which leads to Tfault = 617 ms. If the timer lasts 100 ms, then our duty−cycle in auto−recovery burst equals 100/(617 + 100) ≈ 13%, which is good. Should the user like to further decrease or, to the contrary, increase this duty−cycle, changing the VCC capacitor is an easy job. Latch−off and Over Voltage Protection Speedking II features a fast comparator that permanently monitors pin 2 level. Figure 39 details how it is internally arranged: Figure 39. A Comparator Monitors Pin 2 and Latches−off the Part in Case the Threshold is Reached Rupper - + Rlower 10 nF C1 2 Vlatch + VCCaux + 20 ms time constant aux. S R Q Q Latched Fault 5 V Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |