Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV3550 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 115Page - STMicroelectronics STV3550 Datasheet HTML 116Page - STMicroelectronics STV3550 Datasheet HTML 117Page - STMicroelectronics STV3550 Datasheet HTML 118Page - STMicroelectronics STV3550 Datasheet HTML 119Page - STMicroelectronics STV3550 Datasheet HTML 120Page - STMicroelectronics STV3550 Datasheet HTML 121Page - STMicroelectronics STV3550 Datasheet HTML 122Page - STMicroelectronics STV3550 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
STV3550
119/144
recent entry in the output FIFO. The TxHalfEmpty bit of the ASC_n_Status register is set when the
output FIFO contains 8 or fewer characters.
Values are shifted out of the bottom of the output FIFO into a 9-bit output shift register in order to be
transmitted. If the transmitter is idle (i.e. the output shift register is empty) and something is written
to the ASC_n_TxBuffer so that the output FIFO becomes non-empty, the output shift register is
immediately loaded from the output FIFO and transmission of the data in the output shift register
begins at the next baud rate tick.
When the transmitter is just about to transmit the stop bits, and if the output FIFO is non-empty, the
output shift register will be immediately loaded from the output FIFO, and the transmission of this
new data will begin as soon as the current stop bit period is over (i.e. the next start bit will be
transmitted immediately following the current stop bit period). If the output FIFO is empty at this
point, the output shift register will become empty. Thus back-to-back transmission of data can take
place. If the output FIFO is empty at this point, the output shift register will become empty. Writing
anything to ASC_n_TxReset empties the output FIFO.
After changing the FifoEnable bit, it is important to reset the FIFO to empty (by writing to the
ASC_n_TxReset register), or garbage may be transmitted.
7.8.3.2 Double-buffered Transmission
Double buffering is enabled and the FIFOs disabled by writing 0 to the FifoEnable bit of the
ASC_n_Control register. When the transmitter is idle, the transmit data written into the transmit
buffer ASC_n_TxBuffer is immediately moved to the transmit shift register, thus freeing the
transmit buffer for the next data to be sent. This is indicated by the transmit buffer empty flag
(TxHalfEmpty) being set. The transmit buffer can be loaded with the next data while transmission
of the previous data is still going on.
When the FIFOs are disabled, the TxFull bit is set when the buffer contains 1 character, and a write
to ASC_n_TxBuffer in this situation will overwrite the contents. The TxHalfEmpty bit of the
ASC_n_Status register is set when the output buffer is empty.
7.8.4
Reception
Reception is initiated by a falling edge on the data input pin RxD, provided that the Run and
RxEnable bits of the ASC_n_Control register are set.
Controlled data transfer can be achieved using the RTS handshaking signal provided by the UART.
The sender checks the RTS to ensure the UART is ready to receive data. In double-buffered
reception RTS goes high when ASC_n_RxBuffer is empty, in FIFO-controlled operation it goes
high when RxHalfFull is zero.
The RxD pin is sampled at 16 times the rate of the selected baud rate. A majority decision of the
first, second and third samples of the start bit determines the effective bit value. This avoids
erroneous results that may be caused by noise.
If the detected value of the first bit of a frame is not a 0, then the receive circuit is reset and waits for
the next falling edge transition at the RxD pin. If the start bit is valid, i.e. is 0, the receive circuit
continues sampling and shifts the incoming data frame into the receive shift register. For
subsequent data and parity bits, the majority decision of the seventh, eighth and ninth samples in
each bit time is used to determine the effective bit value. The effective values received on RxD are
shifted into a 10-bit input shift register.
For 0.5 stop bits, the majority decision of the third, fourth, and fifth samples during the stop bit is
used to determine the effective stop bit value. For 1 and 2 stop bits, the majority decision of the
seventh, eighth, and ninth samples during the stop bits is used to determine the effective stop bit
values. For 1.5 stop bits, the majority decision of the fifteenth, sixteenth, and seventeenth samples
during the stop bits is used to determine the effective stop bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com