Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 5Page - Cirrus Logic CS6422 Datasheet HTML 6Page - Cirrus Logic CS6422 Datasheet HTML 7Page - Cirrus Logic CS6422 Datasheet HTML 8Page - Cirrus Logic CS6422 Datasheet HTML 9Page - Cirrus Logic CS6422 Datasheet HTML 10Page - Cirrus Logic CS6422 Datasheet HTML 11Page - Cirrus Logic CS6422 Datasheet HTML 12Page - Cirrus Logic CS6422 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
CS6422
9
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
10
µF
+
0.1
µF
10
µF
+
0.47
µF
10
µF
22pF
Network
Line Out
Network
Line In
From
Microcontroller
22pF
+5V Analog
0.022
µF
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
Ω
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
Ω
0.47
µF
3300 pF
12.1 k
Ω
17
4
15
16
ferrite bead
Mic Bias
Speaker
Driver
CS6422
Figure 4. Typical Connection Diagram (Microphone Preamplifier Enabled)
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
10
µF
+
0.1
µF
10
µF
+
0.47
µF
10
µF
22pF
Network
Line Out
Network
Line In
From
Microprocessor
22pF
+5V Analog
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
Ω
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
Ω
0.47
µF
3300 pF
12.1 k
Ω
17
4
15
16
ferrite bead
3300 pF
0.47
µF
6.04 k
Ω
CS6422
Speaker
Driver
External Mic
Preamp
Figure 5. Typical Connection Diagram (Microphone Preamplifier Disabled)
CS6422
DS295F1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com