Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 29Page - Cirrus Logic CS6422 Datasheet HTML 30Page - Cirrus Logic CS6422 Datasheet HTML 31Page - Cirrus Logic CS6422 Datasheet HTML 32Page - Cirrus Logic CS6422 Datasheet HTML 33Page - Cirrus Logic CS6422 Datasheet HTML 34Page - Cirrus Logic CS6422 Datasheet HTML 35Page - Cirrus Logic CS6422 Datasheet HTML 36Page - Cirrus Logic CS6422 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
CS6422
33
room, when someone moves the speaker or the mi-
crophone, or when someone drops a piece of paper
on top of the speaker. So, the filter needs to adapt
to modify its transfer function to match that of the
environment. It does so by measuring the error sig-
nal at point E and trying to minimize it. This signal
is fed back to the adaptive filter to measure perfor-
mance and how best to adapt, or train.
The trouble arises when the person at the near-end
(C) speaks: the error signal will be non-zero, but
the adaptive filter should not change. If it tries to
train to the near-end signal, the adaptive filter has
no way to reduce the error signal, because there is
no input to the filter, and therefore no output from
it. The adaptive filter would mistrain.
To prevent this mistraining, the echo canceller uses
double-talk detection algorithms to determine
when to update. These update control algorithms
are the heart of most echo canceller implementa-
tions.
The worst case situation for the CS6422 is when
parties at both ends are speaking and the person at
the near-end is moving. In this case, the echo can-
celler will cease to adapt because of the double-
talk, but the echo will not be optimally reduced be-
cause of the change in path.
4.1.1.2
Adaptive Filter
The adaptive filter in the CS6422 uses an algorithm
called
the
“Normalized
Least-Mean-Square
(NLMS)” update algorithm to learn the echo path
transfer function. This Finite Impulse Response
(FIR) filter has 508 taps, which can model up to
63.5 ms of total path response at a sampling rate of
8kHz. The coverage time is calculated by the fol-
lowing formula:
x 508 = 63.5 ms.
The CS6422’s adaptive filter, like all FIR filters,
only models Linear and Time Invariant (LTI) sys-
tems. So, any non-linearity in the echo path can not
be modeled by the adaptive filter and the resulting
signals will not be cancelled. Signal clipping and
poor-quality speakers are very common sources of
non-linearity and distortion.
A common integration problem for echo cancellers
is signal clipping in the echo path. For example, if
a speaker driver is driven to its rails, the distortion
of the speech may be hard to perceive, but it is very
bad for the echo canceller. The technique of over-
driving the speaker has been used in half-duplex
phones to provide good low-level signal gain at the
expense of distortion with high amplitude signals.
Since this does not work for the CS6422, an AGC
mechanism has been introduced to provide equiva-
lent behavior without clipping. See Section 4.1.3,
“AGC” for more details.
Another common problem is speaker quality. A
poor quality speaker which is perfectly acceptable
for a half-duplex speakerphone, may limit the echo
canceller’s performance in a full-duplex speaker-
phone. The distortion elements are not modeled by
the adaptive filter and so limit its effectiveness.
Speakers should have better than 2% THD perfor-
mance to not impede the adaptive filter.
Volume control should be implemented using the
CS6422 Microcontroller Interface. A real-time ex-
ternal change in the gain of the speaker driver re-
sults in a change in the transfer function of the echo
path, and will force the adaptive filter to readapt. If
the volume control is done before the input to the
adaptive filter, the echo path does not change, and
retraining is not necessary. Another side benefit of
the CS6422 volume control is that it transparently
provides dynamic range compression through the
AGC function.
4.1.1.2.1 Pre-Emphasis
The typical training signal for the adaptive filter is
speech, but most adaptive filters train optimally
with white noise. Speech has very different spectral
1
8kHz
-------------


CS6422
DS295F1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com