Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 8Page - Cirrus Logic CS6422 Datasheet HTML 9Page - Cirrus Logic CS6422 Datasheet HTML 10Page - Cirrus Logic CS6422 Datasheet HTML 11Page - Cirrus Logic CS6422 Datasheet HTML 12Page - Cirrus Logic CS6422 Datasheet HTML 13Page - Cirrus Logic CS6422 Datasheet HTML 14Page - Cirrus Logic CS6422 Datasheet HTML 15Page - Cirrus Logic CS6422 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
CS6422
12
through the Microcontroller Interface. This gain
stage allows gains of 0 dB, 6 dB, 9.5 dB, and 12 dB
to be added prior to the ADC input. The default
gain stage setting is 0 dB.
The signal at APO should not exceed 2.5 Vpp at the
0 dB gain stage setting. If a different gain setting is
used, then the full-scale signal at APO must also
change. Table 1 shows full-scale voltages as mea-
sured at APO for the given programmable gain:
MB serves to provide decoupling for the internal
voltage reference, and must have a 0.1
µF and a
10
µF capacitor to ground for bypass. Noise on MB
will strongly influence the overall analog perfor-
mance of the CS6422.
The acoustic output, AO, should connect to a sin-
gle-pole low-pass RC network with a corner fre-
quency of 4 kHz, which will filter out-of-band
components. The full-scale voltage swing at AO is
3.1 Vpp maximum, 1 Vrms typical. AO is capable of
driving a load of 10 k
Ω or more.
3.1.2
Network Interface
The pins NI (pin 17) and NO (pin 4) form the Net-
work Interface. The details of the Network Inter-
face are shown in Figure 6.
NI is the input from the telephone network into the
CS6422. The signal into NI must be low pass fil-
tered by a single-pole RC filter with a corner fre-
quency of 8 kHz.
RGain, a programmable analog gain stage accessi-
ble through the Microcontroller Interface, ampli-
fies signals received at NI. This gain stage allows a
gain of 0 dB, 6 dB, 9.5 dB, or 12 dB to be added
prior to the ADC input. The default gain stage set-
ting for the network side is 0 dB.
The signal at NI should not exceed 2.5 Vpp at the
0 dB gain stage setting. If another gain setting is se-
lected, then the full-scale signal at NI will change.
Table 1 shows full-scale voltages as measured at NI
for the given programmable gain.
The output to the telephone network side, NO,
should connect to a single pole RC network with a
corner frequency at 4 kHz, which will filter out-of-
band components. The maximum swing NO is ca-
pable of producing is 3.1 Vpp maximum, 1 Vrms
typical. NO is capable of driving a load of 10 k
Ω or
more.
3.2
Microcontroller Interface
The registers and control functions of the CS6422
are accessible through the Microcontroller Inter-
face, which consists of three pins: DATA (pin 8),
STROBE (pin 7), and DRDY (pin 6). These inputs
can connect to the outputs of a microcontroller to
allow write-only access to the 16-bit Microcontrol-
ler Control Register (MCR).
3.2.1
Description
The Microcontroller Interface is implemented by a
serial shift register that is clocked by STROBE and
gated by DRDY. The microcontroller begins the
transaction by setting DRDY low while STROBE
is low. The most significant bit (MSB), Bit 15, of
the 16-bit data word should be presented to the
DATA pin and then STROBE should be brought
high to shift the data bit into the CS6422. STROBE
should be brought low again so it is ready to shift
the next bit into the shift register. The next data bit
should then be presented to the DATA pin ready to
be latched by the rising edge of STROBE. This pro-
cedure repeats for all sixteen bits as shown in Fig-
ure 7. After the last bit (Bit 0) has been shifted in,
DRDY should be brought high to indicate the con-
clusion of the transfer, and four or more extra
Gain Setting
Full-scale Voltage
0 dB
2.5 Vpp
6 dB
1.25 Vpp
9.5 dB
0.84 Vpp
12 dB
0.63 Vpp
Table 1. Full scale voltages for each gain stage
CS6422
12
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com