Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 38Page - Cirrus Logic CS6422 Datasheet HTML 39Page - Cirrus Logic CS6422 Datasheet HTML 40Page - Cirrus Logic CS6422 Datasheet HTML 41Page - Cirrus Logic CS6422 Datasheet HTML 42Page - Cirrus Logic CS6422 Datasheet HTML 43Page - Cirrus Logic CS6422 Datasheet HTML 44Page - Cirrus Logic CS6422 Datasheet HTML 45Page - Cirrus Logic CS6422 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
CS6422
42
5. PIN DESCRIPTIONS
Analog Interface
AO - Acoustic Interface Output, Pin 3
Analog voltage output for the acoustic side (near-end output/receive output). Maximum output signal is
1.1 Vrms (3.1 Vpp). This output can drive down to 10 kΩ and is usually followed by a speaker driver. The
output is pre-compensated to expect a single-pole RC low pass filter with a corner frequency of 4 kHz.
NO - Network Interface Output, Pin 4
Analog voltage output for the network side (far-end output/transmit output). Maximum output signal is
1.1 Vrms (3.1 Vpp). This output can drive down to 10 kΩ. The output is pre-compensated to expect a
single-pole RC low pass filter with a corner frequency of 4 kHz.
API - Acoustic Interface Preamplifier Input, Pin 20
Input to the acoustic side microphone preamplifier. Signal source resistance at this pin will reduce the
34 dB gain inherent in the preamplifier. The maximum input signal level to avoid clipping is 20 mVrms
(57 mVpp), assuming default settings.
APO - Acoustic Interface Preamplifier Output, Pin 18
Output of the acoustic side microphone preamplifier and input to the acoustic side analog-to-digital
converter (near-end input/transmit input). This input expects a single-pole RC anti-aliasing filter with a
corner frequency of 8 kHz. Maximum signal level before clipping at this point is 0.9 Vrms (2.5 Vpp),
assuming default settings for TGain.
MB - Microphone Bias Voltage Output, Pin 19
Output of 3.5 VDC provides the internal voltage reference for the CS6422. MB must be decoupled with
a 10
µF and 0.1 µF capacitor to prevent noise from affecting the on-chip voltage reference. MB must
not be connected to any load.
1
2
3
4
5
6
7
8
12
13
14
15
16
AVDD
AGND
AO
NO
RST
DRDY
STROBE
DATA
DVDD
DGND
CLKI
CLKO
NC4
9
10
NC1
NC2
17
18
APO
NI
19
20
API
MB
11
NC3
CS6422
CS6422
42
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com