Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 40Page - Cirrus Logic CS6422 Datasheet HTML 41Page - Cirrus Logic CS6422 Datasheet HTML 42Page - Cirrus Logic CS6422 Datasheet HTML 43Page - Cirrus Logic CS6422 Datasheet HTML 44Page - Cirrus Logic CS6422 Datasheet HTML 45Page - Cirrus Logic CS6422 Datasheet HTML 46Page - Cirrus Logic CS6422 Datasheet HTML 47Page - Cirrus Logic CS6422 Datasheet HTML 48Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
CS6422
45
6. GLOSSARY
Echo
A signal that returns to its source after some delay.
Network Echo
Echo resulting from signal reflection due to an impedance mismatch in a 2-to-4 wire converter (hybrid).
Acoustic Echo
Echo created by signal propagation in a room from a speaker to a microphone.
Reverberation
Local information that bounces around the room before it reaches the microphone.
An example of
reverberation is when your back is to the speakerphone, and your voice bounces off the wall before it
reaches the microphone.
Near-End
The location with the acoustic interface (speaker and microphone).
Far-End
The location connected to the network interface.
Transmit Path
The signal path from Near-End input to Far-End output.
Receive Path
The signal path from Far-End input to Near-End output.
Full-Duplex
The state when both Transmit and Receive paths are simultaneously active.
Half-Duplex
The state when either Transmit or Receive path is active.
Supplementary Echo Suppression
Dynamic attenuation placed in the opposite path of the active path to mask residual echo. For example,
if the receive path is active, the transmit path is attenuated. When both paths are simultaneously active,
the suppression attenuation is removed. See Section 4.1.4, “Suppression” for more details.
Howling
In full-duplex operation, both the microphone and speaker are active at the same time, which, in
conjunction with the reflection off the hybrid, creates a closed loop. The signal coupling between the
speaker and the microphone can cause feedback oscillation or howling. This happens when the
coupling between the speaker and microphone is strong enough to increase the system's closed loop
gain above unity.
Acoustic Coupling
The strength of the output signal from the speaker that is received at the microphone input.
CS6422
DS295F1
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com