Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 27Page - Cirrus Logic CS6422 Datasheet HTML 28Page - Cirrus Logic CS6422 Datasheet HTML 29Page - Cirrus Logic CS6422 Datasheet HTML 30Page - Cirrus Logic CS6422 Datasheet HTML 31Page - Cirrus Logic CS6422 Datasheet HTML 32Page - Cirrus Logic CS6422 Datasheet HTML 33Page - Cirrus Logic CS6422 Datasheet HTML 34Page - Cirrus Logic CS6422 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
CS6422
31
Figure 8 shows the suggested placement of decou-
pling capacitors for the power supplies. Note that
the trace length from the power pin to the capaci-
tors is minimized. Also note that the smaller valued
capacitor is placed closer to the pin than the larger
valued capacitor. The smaller capacitor decouples
high frequency noise and the larger capacitor atten-
uates lower frequencies.
The separation of analog and digital power and
ground is done in two ways. The power is separated
by deriving the digital power for the CS6422 from
the analog through a ferrite bead to isolate analog
from digital, as shown in Figure 9. The ferrite bead
serves as a low-pass filter to remove CS6422 digi-
tal switching noise from the analog power supply.
The ground is separated by isolating all the digital
components of the system board on one ground
plane and all the analog and linear components on
a different ground plane. The CS6422 should be
placed over the analog ground plane. This prevents
digital switching noise from the digital components
of the board from coupling into the converters and
aliasing into the passband.
+5V
(Analog)
AVDD
AGND
DVDD
DGND
Analog Ground Plane
Digital Ground Plane
Microcontroller
10
µF0.1 µF0.1 µF10 µ F
Ferrite Bead
CS6422
Figure 9. Ground Planes
CS6422
DS295F1
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com