Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 17Page - Cirrus Logic CS6422 Datasheet HTML 18Page - Cirrus Logic CS6422 Datasheet HTML 19Page - Cirrus Logic CS6422 Datasheet HTML 20Page - Cirrus Logic CS6422 Datasheet HTML 21Page - Cirrus Logic CS6422 Datasheet HTML 22Page - Cirrus Logic CS6422 Datasheet HTML 23Page - Cirrus Logic CS6422 Datasheet HTML 24Page - Cirrus Logic CS6422 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CS6422
21
3.5.7
RDSRMP - RX DOUBLE-TALK SUPPRESSION RAMP RATE
When “Rx Double-talk Suppression attenuation” (RDbtS, Register 3) is set to a non-zero value, the
CS6422 will introduce a programmable amount of attenuation into the receive path during a double-
talk event. RDSRmp controls the decay rate of the receive double-talk attenuation (the attack rate is
~40 ms).
The ‘slow’ setting of RDSRmp results in an attenuation decay rate of about 1 second. The ‘normal’
setting of RDSRmp results in an attenuation decay rate of about 100 ms.
3.5.8
IDLTX - HALF-DUPLEX IDLE RETURN-TO-TRANSMIT
When IdlTx is enabled, the CS6422’s half-duplex engine will automatically switch into <Transmit>
mode from the <Idle> state. The <Idle> state is entered when the previously active channel has been
silent for the time period set by HDly (half-duplex Holdover Delay) in Register 2.
The use of IdlTx permits a full-duplex-like behavior when operating in half-duplex at the beginning of
a call. This benefit is most noticeable when the listener at the far end is using a handset.
When TSMde is set to ‘0’ (Noise Guard enabled), IdlTx is usually disabled. IdlTx is disabled by de-
fault.
CS6422
DS295F1
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com