Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 33Page - Cirrus Logic CS6422 Datasheet HTML 34Page - Cirrus Logic CS6422 Datasheet HTML 35Page - Cirrus Logic CS6422 Datasheet HTML 36Page - Cirrus Logic CS6422 Datasheet HTML 37Page - Cirrus Logic CS6422 Datasheet HTML 38Page - Cirrus Logic CS6422 Datasheet HTML 39Page - Cirrus Logic CS6422 Datasheet HTML 40Page - Cirrus Logic CS6422 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
CS6422
37
Suppression may cause some modulation of the
perceived background noise which may be distract-
ing to some users. As a result, it may be desirable
to limit the suppression attenuation to the minimum
necessary. The CS6422 provides TSAtt (Register
3, bits 15 and 14) to control the amount of attenua-
tion introduced by suppression in the transmit
channel. Receive suppression attenuates by 24 dB.
4.1.4.1
Transmit Suppression
When TSMde = ‘1’ (Noise Guard ‘off’), the trans-
mit suppressor attenuates the transmit path when
only far-end speech is present. When TSMde = ‘0’
(Noise Guard ‘on’), the suppressor attenuates when
the transmit channel is idle, that is, when no near-
end speech is present.
The purpose of Transmit Suppression is to mask re-
sidual echo by inserting additional loss/attenuation
in the transmit path in the scenario when far-end
speech is present; the residual echo, if any, in dou-
ble-talk is masked by near-end speech, assuming
reasonable levels of ERLE.
There are four controls that govern the behavior of
Transmit Suppression. These are TSThd (Register
3, bits 7 and 6), TSAtt (Register 3, bits 15 and 14),
TSBias (Register 3, bits 5 and 4), and TSMde (Reg-
ister 0, bit 4). TSThd is the primary control and
should be adjusted before changing the value of
TSBias from its default setting. TSThd sets the
ERLE expectation to be used in discriminating be-
tween near-end speech and far-end echo. This con-
trol setting will by far predominate in affecting the
manner in which Transmit Suppression behaves.
TSAtt controls the amount of attenuation added to
the transmit path when the transmit suppressor en-
gages.
TSBias is a secondary control. This is to be adjust-
ed after the system designer is more or less satisfied
with the behavior of Transmit Suppression with the
TSThd set. It affects the ease with which a near-end
talker may disengage Transmit Suppression and
keep it disengaged. We recommend using larger
values of TSBias relative to TSThd settings in or-
der to facilitate ease of near-end speech transmis-
sion. For example, the default setting for TSThd is
15 dB and 18 dB for TSBias.
In some scenarios, especially when the dynamic
range of volume control is significantly large, we
also recommend the use of different combinations
of TSThd and TSBias setting relative to output vol-
ume of the acoustic interface. Specifically, higher
volume levels may call for larger values of TSThd.
TSMde controls the Noise Guard feature. When
TSMde = ‘0’ (Noise Guard enabled), the transmit
suppressor is engaged when no near-end speech is
present. When TSMde = ‘1’ (Noise Guard dis-
abled), the transmit suppressor is engaged only
when far-end speech is present in the absence of
near-end speech.
4.1.4.2
Receive Suppression
The receive suppressor is nominally attenuating
unless far-end speech is present. This behavior is
more consistent with behavior observed in modern
speakerphones, and helps keep noise levels low.
One side effect of this scheme is that a constant
power signal, such as noise from a noise generator
or a tone, will eventually be attenuated when the
background noise level estimate turns off the re-
ceive suppression speech detector. See Section
4.1.1.4, “Speech Detection” from more details.
RSThd (Register 2, bits 13 and 12) sets the speech
detection threshold of the suppressor’s speech de-
tector. This control is normally set to the same val-
ue as RHDet. See Section 4.1.1.4, “Speech
Detection” for more details.
4.1.4.3
Double-talk Attenuation
In full-duplex hands-free to full-duplex hands-free
scenarios (where a call exists between two full-du-
plex speakerphones), stability problems can arise at
higher volume levels due to the acoustic coupling
CS6422
DS295F1
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com