Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 19Page - Cirrus Logic CS6422 Datasheet HTML 20Page - Cirrus Logic CS6422 Datasheet HTML 21Page - Cirrus Logic CS6422 Datasheet HTML 22Page - Cirrus Logic CS6422 Datasheet HTML 23Page - Cirrus Logic CS6422 Datasheet HTML 24Page - Cirrus Logic CS6422 Datasheet HTML 25Page - Cirrus Logic CS6422 Datasheet HTML 26Page - Cirrus Logic CS6422 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
CS6422
23
3.6.1
TSATT - TRANSMIT SUPPRESSION ATTENUATION
This parameter sets the amount of attenuation inserted into the transmit path when transmit suppres-
sion is engaged.
3.6.2
PCSEN- PATH CHANGE SENSITIVITY
The Acoustic Interface is likely to have many path changes as people move about in the room where
the full-duplex speakerphone is being used. The sensitivity of the path change detector can be
changed with the PCSen bit. Set PCSen to ‘0’ for high sensitivity and ‘1’ for low sensitivity.
In any adaptive echo cancelling system, there is a trade-off between hearing echo and remaining in
full-duplex when the acoustic path changes. When PCSen is set to ‘0’ for high sensitivity, the CS6422
will tend to drop to half-duplex in the event of a path change, preventing the far-end listener from hear-
ing echo as the adaptive filter adjusts to the new path.
When PCSen is set to ‘1’ for low sensitivity, the CS6422 will tend to remain in full-duplex during the
path change, and the far-end listener may hear some residual echo as the adaptive filter adjusts to
the new path.
3.6.3
TDBTS - TX DOUBLE-TALK SUPPRESSION ATTENUATION
This parameter controls the amount of attenuation that is added to the transmit channel during dou-
ble-talk, that is, when parties at both ends of the link are speaking simultaneously.
3.6.4
RDBTS - RX DOUBLE-TALK SUPPRESSION ATTENUATION
This parameter controls the amount of attenuation that is added to the receive path during double-talk.
3.6.5
TSTHD - TRANSMIT SUPPRESSION THRESHOLD
This parameter sets the ERLE requirement for discrimination between echo and near-end speech by
the transmit suppressor. See Section 4.1.4.1, “Transmit Suppression” for full details.
3.6.6
TSBIAS - TRANSMIT SUPPRESSION BIAS
This bias level affects the ease with which near-end speech may break-in or be attenuated by far-end
echo which causes the transmit suppressor to engage. See Section 4.1.4.1, “Transmit Suppression”
for full details.
CS6422
DS295F1
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com