Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6422 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS6422
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS6422 Datasheet HTML 15Page - Cirrus Logic CS6422 Datasheet HTML 16Page - Cirrus Logic CS6422 Datasheet HTML 17Page - Cirrus Logic CS6422 Datasheet HTML 18Page - Cirrus Logic CS6422 Datasheet HTML 19Page - Cirrus Logic CS6422 Datasheet HTML 20Page - Cirrus Logic CS6422 Datasheet HTML 21Page - Cirrus Logic CS6422 Datasheet HTML 22Page - Cirrus Logic CS6422 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
CS6422
19
3.5
Register 2
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
RHDet
RSThd
NseRmp
HDly
HHold TDSRmp RDSRmp
IdlTx
0
1
0
0
00
00
00
00
0
0
0
0
00
0
4
Bits
Name
Function
Word
Operation
15-14
RHDet
Rx Half-duplex Detection threshold
00*
01
10
11
6 dB
9 dB
12 dB
reserved
13-12
RSThd
Rx Suppression Threshold
00*
01
10
11
6 dB
9 dB
12 dB
reserved
11-10
NseRmp
Noise estimator Ramp rate
00*
01
10
11
3 dB/s
6 dB/s
12 dB/s
reserved
9-8
HDly
half-duplex Holdover Delay
00*
01
10
11
200 ms
100 ms
150 ms
reserved
7
HHold
Hold in half-duplex on Howl
0*
1
disable HHold
enable HHold
6
TDSRmp
Tx Double-talk Suppression Ramp rate
0*
1
slow
normal
5
RDSRmp
Rx Double-talk Suppression Ramp rate
0*
1
slow
normal
4
IdlTx
half-duplex Idle return-to-Transmit
0*
1
disable IdlTx
enable IdlTx
* Denotes reset value
Table 5. Register 2 Bit Definitions
CS6422
DS295F1
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com