Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 21Page - National Semiconductor (TI) CS5530A Datasheet HTML 22Page - National Semiconductor (TI) CS5530A Datasheet HTML 23Page - National Semiconductor (TI) CS5530A Datasheet HTML 24Page - National Semiconductor (TI) CS5530A Datasheet HTML 25Page - National Semiconductor (TI) CS5530A Datasheet HTML 26Page - National Semiconductor (TI) CS5530A Datasheet HTML 27Page - National Semiconductor (TI) CS5530A Datasheet HTML 28Page - National Semiconductor (TI) CS5530A Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 259 page
background image
Revision 1.1
25
www.national.com
Signal Definitions (Continued)
SUSP_3V
L24
I/O
Suspend 3 Volt Active
SUSP_3V can be connected to the output enable (OE) of a clock synthesis
or buffer chip to stop the clocks to the system. SUSP_3V is asserted after
the SUSP#/SUSPA# handshake that follows a write to the Suspend Note-
book Command Register (F0 Index AFh) with bit 0 set in the Clock Stop
Control Register (F0 Index BCh).
As an input, SUSP_3V is sampled during power-on-reset to determine the
inactive state. This allows the system designer to match the active state of
SUSP_3V to the inactive state for a clock driver output enabled with a pull-
up/down 10-kohm resistor. If pulled down, SUSP_3V is active high. If pulled
up, SUSP_3V is active low.
2.2.4
PCI Interface
Signal Name
Pin
No.
Pin
Type
Description
AD[31:0]
Refer
to Table
2-3
I/O
PCI Address/Data
AD[31:0] is a physical address during the first clock of a PCI transaction; it is
the data during subsequent clocks.
When the CS5530A is a PCI master, AD[31:0] are outputs during the
address and write data phases, and are inputs during the read data phase of
a transaction.
When the CS5530A is a PCI slave, AD[31:0] are inputs during the address
and write data phases, and are outputs during the read data phase of a
transaction.
C/BE[3:0]#
D26,
A24,
B21,
B18
I/O
PCI Bus Command and Byte Enables
During the address phase of a PCI transaction, C/BE[3:0]# define the bus
command. During the data phase of a transaction, C/BE[3:0]# are the data
byte enables.
C/BE[3:0]# are outputs when the CS5530A is a PCI master and inputs when
it is a PCI slave.
INTA#,
INTB#,
INTC#,
INTD#
A14,
D15,
C15,
B14
I
PCI Interrupt Pins
The CS5530A provides inputs for the optional “level-sensitive” PCI interrupts
(also known in industry terms as PIRQx#). These interrupts may be mapped
to IRQs of the internal 8259s using PCI Interrupt Steering Registers 1 and 2
(F0 Index 5Ch and 5Dh).
The USB controller uses INTA# as its output signal. Refer to PCIUSB Index
3Dh.
REQ#
J25
O
PCI Bus Request
The CS5530A asserts REQ# in response to a DMA request or ISA master
request to gain ownership of the PCI bus. The REQ# and GNT# signals are
used to arbitrate for the PCI bus.
REQ# should connect to the REQ0# of the GX-series processor and func-
tion as the highest-priority PCI master.
2.2.3
CPU Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com