Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 58Page - National Semiconductor (TI) CS5530A Datasheet HTML 59Page - National Semiconductor (TI) CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) CS5530A Datasheet HTML 64Page - National Semiconductor (TI) CS5530A Datasheet HTML 65Page - National Semiconductor (TI) CS5530A Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 259 page
background image
www.national.com
62
Revision 1.1
Functional Description (Continued)
3.4.2
APM Support
Some IA systems rely solely on an APM (Advanced Power
Management) driver for enabling the operating system to
power-manage the CPU. APM provides several services
which enhance the system power management and is the-
oretically the best approach; but in its current form, APM is
imperfect for the following reasons:
• APM is an OS-specific driver, and may not be available
for some operating systems.
• Application support is inconsistent. Some applications in
foreground may prevent Idle calls.
• APM does not help with Suspend determination or
peripheral power management.
The CS5530A provides two entry points for APM support:
• Software CPU Suspend control via the CPU Suspend
Command Register (F0 Index AEh)
• Software SMI entry via the Software SMI Register (F0
Index D0h). This allows the APM BIOS to be part of the
SMI handler.
These registers are shown in Table 3-16.
Table 3-16. APM Support Registers
Bit
Description
F0 Index AEh
CPU Suspend Command Register (WO)
Reset Value = 00h
7:0
Software CPU Suspend Command (Write Only): If bit 0 in the Clock Stop Control Register is set low (F0 Index BCh[0] =
0) and all SMI status bits are 0, a write to this register causes a SUSP#/SUSPA# handshake with the CPU, placing the CPU
in a low-power state. The data written is irrelevant. Once in this state, any unmasked IRQ or SMI releases the CPU halt con-
dition.
If F0 Index BCh[0] = 1, writing to this register invokes a full system Suspend. In this case, the SUSP_3V pin is asserted after
the SUSP#/SUSPA# halt. Upon a Resume event (see Note), the PLL delay programmed in the F0 Index BCh[7:4] is invoked,
allowing the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.
Note: If the clocks are stopped, the external IRQ4 and IRQ3 pins, when enabled (F3BAR+Memory Offset 1Ah[4:3]), are the
only IRQ pins that can be used as a Resume event. If GPIO2, GPIO1, and GPIO0 are enabled as an external SMI
source (F0 Index 92h[2:0]), they too can be used as a Resume event. No other CS5530A pins can be used to wake-
up the system from Suspend when the clocks are stopped. As long as the 32 KHz clock remains active, internal SMI
events are also Resume events.
F0 Index D0h
Software SMI Register (WO)
Reset Value = 00h
7:0
Software SMI (Write Only): A write to this location generates an SMI. The data written is irrelevant. This register allows
software entry into SMM via normal bus access instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com