Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 96Page - National Semiconductor (TI) CS5530A Datasheet HTML 97Page - National Semiconductor (TI) CS5530A Datasheet HTML 98Page - National Semiconductor (TI) CS5530A Datasheet HTML 99Page - National Semiconductor (TI) CS5530A Datasheet HTML 100Page - National Semiconductor (TI) CS5530A Datasheet HTML 101Page - National Semiconductor (TI) CS5530A Datasheet HTML 102Page - National Semiconductor (TI) CS5530A Datasheet HTML 103Page - National Semiconductor (TI) CS5530A Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 259 page
background image
www.national.com
100
Revision 1.1
Functional Description (Continued)
PIC Shadow Register
The PIC registers are shadowed to allow for Save-to-
Disk/RAM to save/restore the PIC state by reading the
PIC’s write-only registers. A write to this register resets the
read sequence to the first register. The read sequence for
the shadow register is listed in F0 Index B9h (Table 3-45).
Table 3-45. PIC Shadow Register
Bit
Description
F0 Index B9h
PIC Shadow Register (RO)
Reset Value = xxh
7:0
PIC Shadow (Read Only): This 8-bit port sequences through the following list of shadowed Programmable Interrupt Con-
troller registers. At power on, a pointer starts at the first register in the list and consecutively reads incrementally through it.
A write to this register resets the read sequence to the first register. Each shadow register in the sequence contains the last
data written to that location.
The read sequence for this register is:
1. PIC1 ICW1
2. PIC1 ICW2
3. PIC1 ICW3
4. PIC1 ICW4 - Bits [7:5] of ICW4 are always 0
5. PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
6. PIC1 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
7. PIC2 ICW1
8. PIC2 ICW2
9. PIC2 ICW3
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (Note)
12. PIC2 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1
Note: To restore OCW2 to shadow register value, write the appropriate address twice. First with the shadow register value,
then with the shadow register value ORed with C0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com