Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5530A Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 53Page - National Semiconductor (TI) CS5530A Datasheet HTML 54Page - National Semiconductor (TI) CS5530A Datasheet HTML 55Page - National Semiconductor (TI) CS5530A Datasheet HTML 56Page - National Semiconductor (TI) CS5530A Datasheet HTML 57Page - National Semiconductor (TI) CS5530A Datasheet HTML 58Page - National Semiconductor (TI) CS5530A Datasheet HTML 59Page - National Semiconductor (TI) CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 259 page
background image
Revision 1.1
57
www.national.com
Functional Description (Continued)
3.4.1.4
3 Volt Suspend
This state is a non-operational state. To enter this state the
display must have been previously turned off. This state is
usually used to put the system into a deep sleep to con-
serve power and still allow the user to resume where they
left off.
The CS5530A supports the stopping of the CPU and sys-
tem clocks for a 3 Volt Suspend state. If appropriately con-
figured, via the Clock Stop Control Register (F0 Index BCh,
see Table 3-13), the CS5530A asserts the SUSP_3V pin
after it has gone through the SUSP#/SUSPA# handshake.
The SUSP_3V pin is a state indicator, indicating that the
system is in a low-activity state. This indicator can be used
to put the system into a low-power state (the system clock
canbeturnedoff).
The SUSP_3V pin is intended to be connected to the out-
put enable of a clock generator or buffer chip, so that the
clocks to the CPU and the CS5530A (and most other sys-
tem devices) are stopped. The CS5530A continues to dec-
rement all of its device timers and respond to external SMI
interrupts after the input clock has been stopped, as long
as the 32 KHz clock continues to oscillate. Any SMI event
or unmasked interrupt pin causes the CS5530A to deas-
sert the SUSP_3V pin, restarting the system clocks. As the
CPU or other device might include a PLL, the CS5530A
holds SUSP# active for a pre-programmed period of delay
(the PLL re-sync delay) that varies from 0 to 15 ms. After
this period has expired, the CS5530A deasserts SUSP#,
stopping Suspend. SMI# is held active for the entire period,
so that the CPU reenters SMM when the clocks are
restarted.
Note:
The SUSP_3V pin can be active either high or low.
The pin is an input during POR, and is sampled to
determine its inactive state. This allows a designer
to match the active state of SUSP_3V to the inac-
tive state for a clock driver output enable with a
pull-up or pull-down resistor.
3.4.1.5
Off
The system is off and there is no power being consumed
by the processor or the CS5530A.
Table 3-13. Clock Stop Control Register
Bit
Description
F0 Index BCh
Clock Stop Control Register (R/W)
Reset Value = 00h
7:4
PLL Delay: The programmed value in this field sets the delay (in milliseconds) after a break event occurs before the SUSP#
pin is deasserted to the CPU. This delay is designed to allow the clock chip and CPU PLL to stabilize before starting execu-
tion. This delay is only invoked if the STP_CLK bit (bit 0) was set.
The four-bit field allows values from 0 to 15 ms.
0000 = 0 ms
0100 = 4 ms
1000 = 8 ms
1100 = 12 ms
0001 = 1 ms
0101 = 5 ms
1001 = 9 ms
1101 = 13 ms
0010 = 2 ms
0110 = 6 ms
1010 = 10 ms
1110 = 14 ms
0011 = 3 ms
0111 = 7 ms
1011 = 11 ms
1111 = 15 ms
3:1
Reserved: Set to 0.
0
CPU Clock Stop: 0 = Normal SUSP#/ SUSPA# handshake; 1 = Full system Suspend.
Note: This register configures the CS5530A to support a 3 Volt Suspend. Setting bit 0 causes the SUSP_3V pin to assert after the
appropriate conditions, stopping the system clocks. A delay of 0 to 15 ms is programmable (bits 7:4) to allow for a delay for the
clock chip and CPU PLL to stabilize when an event Resumes the system.
A write to the CPU Suspend Command Register (F0 Index AEh) with bit 0 written as:
0 = SUSP#/SUSPA# handshake occurs. The CPU is put into a low-power state, and the system clocks are not stopped. When a
break/resume event occurs, it releases the CPU halt condition.
1 = SUSP#/SUSPA# handshake occurs and the SUSP_3V pin is asserted, thus invoking a full system Suspend (both CPU and
system clocks are stopped). When a break event occurs, the SUSP_3V pin will deassert, the PLL delay programmed in bits [7:4]
will be invoked which allows the clock chip and CPU PLL to stabilize before deasserting the SUSP# pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com